Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS13101 Arkusz danych(PDF) 1 Page - Semtech Corporation

Numer części TS13101
Szczegółowy opis  Galvanic Isolated Latching 60V Power Load Switch
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS13101 Arkusz danych(HTML) 1 Page - Semtech Corporation

  TS13101 Datasheet HTML 1Page - Semtech Corporation TS13101 Datasheet HTML 2Page - Semtech Corporation TS13101 Datasheet HTML 3Page - Semtech Corporation TS13101 Datasheet HTML 4Page - Semtech Corporation TS13101 Datasheet HTML 5Page - Semtech Corporation TS13101 Datasheet HTML 6Page - Semtech Corporation TS13101 Datasheet HTML 7Page - Semtech Corporation TS13101 Datasheet HTML 8Page - Semtech Corporation TS13101 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TS13101
Final Datasheet
Rev 1.0
October 22, 2015
www.semtech.com
1 of 10
Semtech
TS13101
TRIUNE PRODUCTS
Features
Low Quiescent Operating Currents
Œ
2uA in OFF state
Œ
4uA in ON state
Scalable galvanic isolation from primary to secondary
sides of the device
Single control signal for on/off input (CLK)
Œ
Operation from 2.9V to 5.5V compatible with standard
microcontrollers
Switch Characteristics
Œ
High voltage switch with bi-directional blocking in OFF
state
Œ
Single switch device
Œ
60V switch and 110mohm Rdson
Œ
Up to 4A operating current
Specification
Junction operating temperature -40 °C to 125 °C
Packaged in a 20pin QFN (4x4)
Galvanic Isolated Latching
60V Power Load Switch
Description
The TS13101 is a galvanically isolated 60V power switch
device with bi-directional blocking. The device includes a
single integrated 110mOhm high voltage FET allowing high
efficiency switching of power loads or other high current
applications. The input pin, CLK, controls the turn on/off of the
switch. When the correct CLK sequence is provided the switch
will latch on and stay on until the turn off sequence is given or
a fault is detected.
The TS13101 includes several protection features. Each FET
has an integrated over-current shut-down to prevent device
damage during short-circuit or other unusually high load
conditions. If an over-current event is detected for a time
the FET is latched off until the CLK turn off sequence is given.
While the CLK pin is active after an over-current event or in
the event of an incorrect turn-on sequence, the DATA pin is
toggled at ¼ the CLK frequency.
Applications
Power load/rail switching
Input supply muxing
Isolated power supplies
Solid state relays
HVAC control
Typical Application Circuit
uC
VCC
GPIO1
VAC
C1
CLK
SRC
VDD1
SW1
SW2
CISO
GPIO2
Cdata
DATA
VDD2
C2
SUB
CPP
Csub
VCC
SYSP
Csys
SYSM


Podobny numer części - TS13101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13101M-QFNR SEMTECH-TS13101M-QFNR Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
More results

Podobny opis - TS13101

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
TS13101M SEMTECH-TS13101M Datasheet
272Kb / 12P
   Galvanic Isolated Latching 60V Solid State Relay
TS13001 SEMTECH-TS13001 Datasheet
125Kb / 10P
   Galvanic Isolated Blocking 56V Power Load Switch
logo
Infineon Technologies A...
ISO2H823V25 INFINEON-ISO2H823V25 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H811G INFINEON-ISO1H811G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.5, 2014-10-17
ISO1H815G INFINEON-ISO1H815G_14 Datasheet
1Mb / 21P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO1H816G INFINEON-ISO1H816G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.4, 2014-10-20
ISO2H823V2.5 INFINEON-ISO2H823V2.5 Datasheet
2Mb / 82P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.0, 2015-02-12
ISO1H812G INFINEON-ISO1H812G_14 Datasheet
1Mb / 23P
   Galvanic Isolated 8 Channel High-Side Switch
Revision 2.6, 2014-10-17
logo
Micropac Industries
53503 MICROPAC-53503 Datasheet
146Kb / 8P
   LATCHING, ISOLATED OUTPUT
logo
STMicroelectronics
ISO8200B STMICROELECTRONICS-ISO8200B Datasheet
1Mb / 33P
   Galvanic isolated octal high-side smart power solid state relay
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com