Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS51221-M000QFNR Arkusz danych(PDF) 6 Page - Semtech Corporation

Numer części TS51221-M000QFNR
Szczegółowy opis  High Efficiency Regulator IC for Wireless Power Receiver Applications
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS51221-M000QFNR Arkusz danych(HTML) 6 Page - Semtech Corporation

Back Button TS51221-M000QFNR Datasheet HTML 2Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 3Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 4Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 5Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 6Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 7Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 8Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 9Page - Semtech Corporation TS51221-M000QFNR Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
TS51221
Final Datasheet
Rev 1.1
April 6, 2015
www.semtech.com
6 of 18
Semtech
Regulator Characteristics
ElectricalCharacteristics,T
J=-40Cto125C,VCC=12V(unlessotherwisenoted)
Symbol
Parameter
Condition
Min
Typ Max Unit
Switch Mode Regulator: L=4.7uH and C=2 x 22uF
V
OUT-PWM
OutputVoltageToleranceinPWM
Mode
I
LOAD=1A
V
OUT
2%
V
OUT
V
OUT+
2%
V
V
OUT-PFM
OutputVoltageToleranceinPFM
Mode
I
LOAD=0A
V
OUT
1%
V
OUT+
1%
V
OUT+
3.5%
V
R
DSON
HighSideSwitchOnResistance
I
VSW=-1A(Note1)
180
LowSideSwitchOnResistance
I
VSW=1A(Note1)
120
I
OUT
OutputCurrent
1
A
I
OCD
OverCurrentDetect
HSswitchcurrent
1.4
1.8
2.4
A
FB
TH
FeedbackReference(Adjustable
Mode)
(Note3)
0.886
0.9
0.914
V
FB
TH-TOL
FeedbackReferenceTolerance
(Note3)
-1.5
1.5
%
T
SS
SoftstartRampTime
4
ms
FB
TH-PFM
PFMModeFBComparatorThreshold
V
OUT+
1%
V
V
OUT-UV
VOUTUnderVoltageThreshold
91%
V
OUT
93%
V
OUT
95%
V
OUT
V
OUT-UV_HYST
VOUTUnderVoltageHysteresis
1.5%
V
OUT
V
OUT-OV
VOUTOverVoltageThreshold
103%
V
OUT
V
OUT-OV_HYST
VOUTOverVoltageHysteresis
1%
V
OUT
DUTY
MAX
MaxDutyCycle
(Note2)
95%
97%
99%
Note 1: R
DSON is characterized at 1A and tested at lower current in production.
Note 2: Regulator VSW pin is forced off for 240ns every 8 cycles to ensure the BST cap is replenished.
Note 3: For the adjustable version, the ratio of VCC/V
OUT cannot exceed 16.
Note 4: Based on Over Current Detect testing


Podobny numer części - TS51221-M000QFNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
TS51223 SEMTECH-TS51223 Datasheet
2Mb / 20P
   Wireless Power Receiver
TS51224 SEMTECH-TS51224 Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
TS51224-M000WCSR SEMTECH-TS51224-M000WCSR Datasheet
445Kb / 20P
   Wireless Power Receiver and Battery Charger
More results

Podobny opis - TS51221-M000QFNR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
   Wireless Charging System Receiver IC for Low Power Applications
logo
List of Unclassifed Man...
TS51111 ETC2-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS81001 ETC2-TS81001 Datasheet
602Kb / 7P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TS81001 SEMTECH-TS81001 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
TS81000 SEMTECH-TS81000 Datasheet
1Mb / 16P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
List of Unclassifed Man...
TS81000 ETC2-TS81000 Datasheet
705Kb / 8P
   High Efficiency Receiver Controller for Wireless Power Systems
logo
Semtech Corporation
TSDMRX-5W-EVM SEMTECH-TSDMRX-5W-EVM Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
TS51111 SEMTECH-TS51111 Datasheet
1Mb / 22P
   High Efficiency Synchronous Rectifier and Charging IC for Wireless Power Applications
logo
Maxic Technology Corpor...
MT5715 MAXIC-MT5715 Datasheet
250Kb / 2P
   A High Efficiency Wireless Power Receiver
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
   Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com