Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GS2978-CTE3 Arkusz danych(PDF) 8 Page - Gennum Corporation

Numer części GS2978-CTE3
Szczegółowy opis  Dual coaxial cable driving outputs with selectable slew rate
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GENNUM [Gennum Corporation]
Strona internetowa  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS2978-CTE3 Arkusz danych(HTML) 8 Page - Gennum Corporation

Back Button GS2978-CTE3 Datasheet HTML 4Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 5Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 6Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 7Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 8Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 9Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 10Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 11Page - Gennum Corporation GS2978-CTE3 Datasheet HTML 12Page - Gennum Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
GS2978
HD-LINX® III Multi-Rate Dual Slew-Rate Cable Driver
Data Sheet
37186 - 7
March 2009
8 of 15
4. Detailed Description
4.1 Input Interfacing
DDI/DDI are high impedance differential inputs. The equivalent input circuit is shown in
Figure 3-1.
Several conditions must be observed when interfacing to these inputs:
• The differential input signal amplitude must be between 100 and 2200mVpp.
• The common mode voltage range must be as specified in the DC Electrical
Characteristics on page 5.
• For input trace lengths longer than approximately 1cm, the inputs should be
terminated as shown in the Typical Application Circuit.
The GS2978 inputs are self-biased, allowing for simple AC coupling to the device. For
serial digital video, a minimum capacitor value of 4.7μF should be used to allow
coupling of pathological test signals. A tantalum capacitor is recommended.
SD/HD Input Pin
The GS2978 SDO rise and fall times can be set to comply with both SMPTE 259M/344M
and SMPTE 424M / SMPTE 292M. For all SMPTE 259M standards, or any data rate that
requires longer rise and fall time characteristics, the SD/HD pin must be set HIGH by the
application layer. For SMPTE 424M and SMPTE 292M standards and signals which
require faster rise and fall times, this pin should be set LOW.
4.2 Output Interfacing
The GS2978 outputs are current mode, and will drive typically 800mV into a 75Ω load.
These outputs are protected from accidental static damage with internal ESD protection
diodes.
In order for a DDI output circuit using the GS2978 to meet this specification, the output
application circuit shown in Typical Application Circuit on page 10 is recommended.
The value of LCOMP will vary depending on the PCB layout, with a typical value of 5.6nH.
A 4.7μF capacitor is used for AC coupling the output of the device. This value is chosen
to ensure that pathological signals can be coupled without a significant DC component
occurring. Please see Application Information on page 10 for more details.


Podobny numer części - GS2978-CTE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2978-CTE3 SEMTECH-GS2978-CTE3 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
More results

Podobny opis - GS2978-CTE3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
GS2988 SEMTECH-GS2988 Datasheet
596Kb / 18P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS2988 GENNUM-GS2988 Datasheet
683Kb / 17P
   Dual-Slew-Rate, Cable Driver with 3Gb/s Capability
GS2989 GENNUM-GS2989 Datasheet
746Kb / 19P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Semtech Corporation
GS2989 SEMTECH-GS2989 Datasheet
664Kb / 20P
   Dual-Slew-Rate, Dual-Output Cable Driver with 3Gb/s Capability
logo
Gennum Corporation
GS1528A GENNUM-GS1528A_10 Datasheet
1Mb / 18P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1528B GENNUM-GS1528B Datasheet
1Mb / 14P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
GS1578A GENNUM-GS1578A_09 Datasheet
1Mb / 16P
   HD-LINX II Multi-Rate Dual Slew-Rate Cable Driver
logo
Semtech Corporation
GS2978 SEMTECH-GS2978 Datasheet
539Kb / 15P
   HD-LINX짰 III Multi-Rate Dual Slew-Rate Cable Driver
logo
NXP Semiconductors
MC33661 NXP-MC33661 Datasheet
1Mb / 22P
   Local Interconnect Network (LIN) Enhanced Physical Interface with Selectable Slew-Rate
Rev. 8.0, 4/2013
logo
Texas Instruments
UA9636AC TI-UA9636AC Datasheet
242Kb / 11P
[Old version datasheet]   DUAL LINE DRIVER WITH ADJUSTABLE SLEW RATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com