Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS30111-M015 Arkusz danych(PDF) 10 Page - Semtech Corporation

Numer części TS30111-M015
Szczegółowy opis  High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Regulator, 1MHz
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30111-M015 Arkusz danych(HTML) 10 Page - Semtech Corporation

Back Button TS30111-M015 Datasheet HTML 6Page - Semtech Corporation TS30111-M015 Datasheet HTML 7Page - Semtech Corporation TS30111-M015 Datasheet HTML 8Page - Semtech Corporation TS30111-M015 Datasheet HTML 9Page - Semtech Corporation TS30111-M015 Datasheet HTML 10Page - Semtech Corporation TS30111-M015 Datasheet HTML 11Page - Semtech Corporation TS30111-M015 Datasheet HTML 12Page - Semtech Corporation TS30111-M015 Datasheet HTML 13Page - Semtech Corporation TS30111-M015 Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TS30111
Final Datasheet
Rev 1.0
June 2, 2015
www.semtech.com
10 of 21
Semtech
11
TS30111
Version 1.0
Specifications subject to change
WWW.TRIUNESYSTEMS.COM
Copyright
© 2012, Triune Systems, LLC
TYPICAL PERFORMANCE CHARACTERISTICS
VCC=6V
VCC=12V
VCC=12V
Typical Performance Characteristics
VCC = 12V, C
OUT = 2 x 22uF (unless otherwise noted)
Figure 8. Load Regulation
Figure 10. Efficiency vs. Output Current (V
OUT=1.8V)
Figure 12. Efficiency vs. Output Current (V
OUT= 5V)
Figure 9. Line Regulation (I
OUT=1A)
Figure11. Efficiency vs. Output Current (V
OUT=3.3V)
Figure 13. Efficiency vs. Input Voltage (V
OUT= 3.3V)


Podobny numer części - TS30111-M015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Podobny opis - TS30111-M015

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Semtech Corporation
TS30011 SEMTECH-TS30011 Datasheet
3Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
List of Unclassifed Man...
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
logo
Intersil Corporation
ISL8014IRZ-T INTERSIL-ISL8014IRZ-T Datasheet
1Mb / 16P
   Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
logo
Micrel Semiconductor
MIC2203 MICREL-MIC2203 Datasheet
2Mb / 13P
   High Efficiency 1MHz Synchronous Buck Regulator
logo
SiGe Semiconductor, Inc...
AATIAN27 SIGE-AATIAN27 Datasheet
97Kb / 4P
   1MHz 3A Buck DC/DC Switch Mode Regulator
logo
Renesas Technology Corp
ISL8012 RENESAS-ISL8012 Datasheet
1Mb / 17P
   2A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
ISL8013A RENESAS-ISL8013A Datasheet
2Mb / 16P
   3A Low Quiescent Current 1MHz High Efficiency Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com