Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS30011-M018 Arkusz danych(PDF) 4 Page - Semtech Corporation

Numer części TS30011-M018
Szczegółowy opis  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30011-M018 Arkusz danych(HTML) 4 Page - Semtech Corporation

  TS30011-M018 Datasheet HTML 1Page - Semtech Corporation TS30011-M018 Datasheet HTML 2Page - Semtech Corporation TS30011-M018 Datasheet HTML 3Page - Semtech Corporation TS30011-M018 Datasheet HTML 4Page - Semtech Corporation TS30011-M018 Datasheet HTML 5Page - Semtech Corporation TS30011-M018 Datasheet HTML 6Page - Semtech Corporation TS30011-M018 Datasheet HTML 7Page - Semtech Corporation TS30011-M018 Datasheet HTML 8Page - Semtech Corporation TS30011-M018 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
4 of 18
Semtech
Absolute Maximum Ratings
Thermal Characteristics
Recommended Operating Conditions
Over operating free–air temperature range unless otherwise noted(1, 2)
Parameter
Value
Units
VCC
-0.3 to 26.4 (-0.3 to 20 for TS30013)
V
BST
-0.3 to (VCC+6)
V
VSW
-1 to 26.4 (-1 to 20 for TS30013)
V
EN, PG,FB
-0.3 to 6
V
Electrostatic Discharge – Human Body Model
+/-2k
V
Electrostatic Discharge – Charge Device Model
+/-500
V
Lead Temperature (soldering, 10 seconds)
260
O
C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only and functional
operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to
absolute–maximum–rated conditions for extended periods may affect device reliability.
(2) All voltage values are with respect to network ground terminal.
Parameter
Symbol Value
Units
Thermal Resistance Junction to Air (Note 1)
θ
JA
34.5
O
C/W
Thermal Resistance Junction to Case (Note 1)
θ
JC
2.5
O
C/W
Storage Temperature Range
T
STG
-65 to 150
O
C
Maximum Junction Temperature
T
J MAX
150
O
C
Operating junction Temperature Range
T
J
-40 to 125
O
C
Note 1: Assumes 16LD 3x3 QFN with hi-K JEDEC board and 13.5 inch2 of 1 oz Cu and 4 thermal vias connected to PAD
Parameter
Symbol
Min
Type
Max
Units
Input Operating Voltage
VCC
4.5
12
24 (18 for TS30013)
V
Bootstrap Capacitor
C
BST
15
22
200
nF
Output Filter Inductor Typical Value (Note 1)
L
OUT
3.76
4.7
5.64
uH
Output Filter Capacitor Typical Value (Note 2)
C
OUT
33
44 (2 x 22)
uF
Output Filter Capacitor ESR
C
OUT-ESR
2
100
Input Supply Bypass Capacitor Typical Value (Note 3)
C
BYPASS
8
10
uF
Note 1: For best performance, an inductor with a saturation current rating higher than the maximum VOUT load requirement plus the inductor current ripple.
Note 2: For best performance, a low ESR ceramic capacitor should be used.
Note 3: For best performance, a low ESR ceramic capacitor should be used. If CBYPASS is not a low ESR ceramic capacitor, a 0.1uF ceramic capacitor should be
added in parallel to CBYPASS


Podobny numer części - TS30011-M018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Podobny opis - TS30011-M018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com