Zakładka z wyszukiwarką danych komponentów |
|
TS33000-M025QFNR Arkusz danych(PDF) 2 Page - Semtech Corporation |
|
TS33000-M025QFNR Arkusz danych(HTML) 2 Page - Semtech Corporation |
2 / 17 page TS33000 Final Datasheet Rev 1.9 May 1, 2015 www.semtech.com 2 of 17 Semtech Pinout Pin Description Pin # Pin Name Pin Function Description 1 VSW Switching Voltage Node Connect to 1.5uH inductor. Short to Pins 12, 14, & 15 2 VCC Input Voltage Input voltage supply. Short to Pins 3 & 11 3 VCC Input Voltage Input voltage supply. Short to Pins 2 & 11 4 GND GND Ground for the internal circuitry of the device 5 FB Feedback Input Feedback voltage for the regulator when used in adjustable mode. Connect to the output voltage resistor divider for adjustable mode and No Connection for fixed output modes 6 V OUT Sense Output Voltage Sense Output Voltage Sense. Requires kelvin connection to 4.7uF output capacitor 7 nLP nLP Input Forcing this pin high prevents the device from going into Low Power PFM mode operation 8 PG PG Output Power Good indicator Open-drain output. 9 EN Enable Input Input high voltage enables the device. Input low disables the device. 10 TEST OUT Test Mode Output Connect to GND. For internal testing use only. 11 VCC Input Voltage Input voltage supply. Short to Pins 2 & 3 12 VSW Switching Voltage Node Connect to 1.5uH inductor. Short to Pins 1, 14, & 15 13 PGND Power GND GND supply for internal low-side FET/integrated diode. Short to Pin 16 14 VSW Switching Voltage Node Connect to 1.5uH inductor. Short to Pins 1, 12, & 15 15 VSW Switching Voltage Node Connect to 1.5uH inductor. Short to Pins 1, 12, & 14 16 PGND Power GND GND supply for internal low-side FET/integrated diode. Short to Pin 13 TS33000 VCC VCC GND VSW VCC TEST OUT EN VSW |
Podobny numer części - TS33000-M025QFNR |
|
Podobny opis - TS33000-M025QFNR |