Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TS30012-M018 Arkusz danych(PDF) 1 Page - Semtech Corporation

Numer części TS30012-M018
Szczegółowy opis  High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SEMTECH [Semtech Corporation]
Strona internetowa  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

TS30012-M018 Arkusz danych(HTML) 1 Page - Semtech Corporation

  TS30012-M018 Datasheet HTML 1Page - Semtech Corporation TS30012-M018 Datasheet HTML 2Page - Semtech Corporation TS30012-M018 Datasheet HTML 3Page - Semtech Corporation TS30012-M018 Datasheet HTML 4Page - Semtech Corporation TS30012-M018 Datasheet HTML 5Page - Semtech Corporation TS30012-M018 Datasheet HTML 6Page - Semtech Corporation TS30012-M018 Datasheet HTML 7Page - Semtech Corporation TS30012-M018 Datasheet HTML 8Page - Semtech Corporation TS30012-M018 Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS30011/12/13
Final Datasheet
Rev 1.7
August 24, 2015
www.semtech.com
1 of 18
Semtech
TS30011/12/13
TRIUNE PRODUCTS
Features
Fixed output voltage choices: 1.5V, 1.8V, 2.5V, 3.3V, and 5V
with +/- 2% output tolerance
Adjustable version output voltage range: 0.9V to (VCC –
1V) with +/-1.5% reference.
Wide input voltage range
Œ
TS30011/12: 4.5V to 24V (26.4V Abs Max
Œ
TS30013: 4.5V to 18V (20V Abs Max)
1MHz +/- 10% fixed switching frequency
Continuous output current: 1A (TS30011), 2A (TS30012)
and 3A (TS30013)
High efficiency – up to 95%
Current mode PWM control with PFM mode for improved
light load efficiency
Voltage supervisor for VOUT reported at the PG pin
Input supply under voltage lockout
Soft start for controlled startup with no overshoot
Full protection for over-current, over-temperature, and
VOUT over-voltage
Less than 10uA in standby mode
Low external component count
Applications
On-card switching regulators
Set-top box, DVD, LCD, LED supply
Industrial power supplies
High Efficiency 1A/2A/3A Current-Mode
Synchronous Buck DC/DC Converter, 1MHz
Description
The TS30011 (1A), TS30012 (2A) and TS30013 (3A) are DC/DC
synchronous switching regulator with fully integrated power
switches, internal compensation, and full fault protection. The
switching frequency of 1MHz enables the use of small filter
components resulting in minimal board space and reduced
BOM costs.
The TS30011/12/13 utilizes current mode feedback in normal
regulation PWM mode. When the regulator is placed in
standby (EN is low), the device draws less than 10uA quiescent
current.
The TS30011/12/13 integrates a wide range of protection
circuitry including input supply under-voltage lockout, output
voltage soft start, current limit, and thermal shutdown.
The TS30011/12/13 includes supervisory reporting through
the PG (Power Good) open drain output to interface other
components in the system.
Summary Specification
Junction operating temperature -40 °C to 125 °C
Packaged in a 16pin QFN (3x3)
Typical Application Circuit


Podobny numer części - TS30012-M018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
More results

Podobny opis - TS30012-M018

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TS30012 ETC2-TS30012 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30013 ETC2-TS30013 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30011 ETC2-TS30011 Datasheet
1Mb / 18P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS30021 ETC2-TS30021 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30022 ETC2-TS30022 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30023 ETC2-TS30023 Datasheet
1Mb / 19P
   High Efficiency 1A/2A/3A Current-Mode Synchronous Buck DC/DC Converter, 2MHz and 470mA LDO
TS30111 ETC2-TS30111 Datasheet
2Mb / 23P
   High Efficiency 700mA Current-Mode Synchronous Buck DC/DC Converter, 1MHz
TS33002 ETC2-TS33002 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
TS33001 ETC2-TS33001 Datasheet
1Mb / 12P
   High Efficiency Synchronous 1A/2A DC/DC Buck Converter, 5Mhz
logo
Semtech Corporation
TS30041 SEMTECH-TS30041 Datasheet
1Mb / 18P
   High E! ciency 1A/2A Current-Mode Synchronous Buck Converter, 1MHz
Rev 2.2 July 27, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com