Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM15KPA64AN Arkusz danych(PDF) 2 Page - Protek Devices

Numer części SM15KPA64AN
Szczegółowy opis  15kW SURFACE MOUNT POWER TVS COMPONENT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PROTEC [Protek Devices]
Strona internetowa  http://www.protekdevices.com
Logo PROTEC - Protek Devices

SM15KPA64AN Arkusz danych(HTML) 2 Page - Protek Devices

  SM15KPA64AN Datasheet HTML 1Page - Protek Devices SM15KPA64AN Datasheet HTML 2Page - Protek Devices SM15KPA64AN Datasheet HTML 3Page - Protek Devices SM15KPA64AN Datasheet HTML 4Page - Protek Devices SM15KPA64AN Datasheet HTML 5Page - Protek Devices SM15KPA64AN Datasheet HTML 6Page - Protek Devices SM15KPA64AN Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05417.R7 3/16
Page 2
SM15KPA17AN - SM15KPA480CAN
TYPICAL DEVICE CHARACTERISTICS
MAXIMUM RATINGS @ 25°C Unless Otherwise Specified
PARAMETER
SYMBOL
VALUE
UNITS
Peak Pulse Power (tp = 10/1000µs) - See Figure 1
P
PP
15,000
Watts
Forward Surge Rating
I
F
200
Amps
Steady State Power Dissipation
P
P
1.0
Watts
Storage Temperature
T
STG
-55 to 150
°C
Operating Temperature
T
L
-55 to 150
°C
RTCA DO-160G COMPLIANT PRODUCT
ELECTRICAL CHARACTERISTICS PER LINE @ 25°C Unless Otherwise Specified
PART
NUMBER
(Notes 1 - 2)
MARKING
CODE
RATED
STAND-OFF
VOLTAGE
V
WM
VOLTS
BREAKDOWN
VOLTAGE
MAXIMUM
LEAKAGE
CURRENT
@V
WM
I
D
µA
MAXIMUM
CLAMPING
VOLTAGE
(Fig. 2)
@ 10/1000µs
V
C @ IPP
TEMPERATURE
COEFFICIENT
OF V
(BR)
qV
(BR)
mV/°C
UNI
BI
MIN
V
(BR)
VOLTS
@I
T
mA
SM15KPA17AN
17A
17C
17.0
18.9
50
5000
29.3V @ 512.0A
17
SM15KPA18AN
18A
18C
18.0
20.0
50
5000
30.9V @ 485.0A
18
SM15KPA20AN
20A
20C
20.0
22.2
20
1500
34.3V @ 437.0A
21
SM15KPA22AN
22A
22C
22.0
24.4
10
500
37.1V @ 404.0A
24
SM15KPA24AN
24A
24C
24.0
26.7
5
150
40.7V @ 369.0A
27
SM15KPA26AN
26A
26C
26.0
28.9
5
50
44.0V @ 341.0A
29
SM15KPA28AN
28A
28C
28.0
31.1
5
25
47.5V @ 316.0A
31
SM15KPA30AN
30A
30C
30.0
33.3
5
15
50.7V @ 296.0A
34
SM15KPA33AN
33A
33C
33.0
36.7
5
10
54.8V @ 274.0A
38
SM15KPA36AN
36A
36C
36.0
40.0
5
10
59.7V @ 251.0A
41
SM15KPA40AN
40A
40C
40.0
44.4
5
10
65.8V @ 228.0A
46
SM15KPA43AN
43A
43C
43.0
47.8
5
10
69.7V @ 215.0A
50
SM15KPA45AN
45A
45C
45.0
50.0
5
10
73.0V @ 205.0A
52
SM15KPA48AN
48A
48C
48.0
53.3
5
10
77.7V @ 193.0A
56
SM15KPA51AN
51A
51C
51.0
56.7
5
10
82.8V @ 181.0A
60
SM15KPA54AN
54A
54C
54.0
60.0
5
10
87.5V @ 171.0A
63
SM15KPA58AN
58A
58C
58.0
64.4
5
10
94.0V @ 160.0A
68
SM15KPA60AN
60A
60C
60.0
66.7
5
10
97.3V @ 154.0A
71
SM15KPA64AN
64A
64C
64.0
71.1
5
10
104.0V @ 144.0A
76
SM15KPA70AN
70A
70C
70.0
77.8
5
10
114.0V @ 132.0A
83
SM15KPA75AN
75A
75C
75.0
83.3
5
10
122.0V @ 123.0A
89
SM15KPA78AN
78A
78C
78.0
86.7
5
10
126.0V @ 119.0A
93
SM15KPA85AN
85A
85C
85.0
94.4
5
10
137.0V @ 109.0A
102
SM15KPA90AN
90A
90C
90.0
100.0
5
10
146.0V @ 103.0A
109
SM15KPA100AN
A0A
A0C
100.0
111.0
5
10
162.0V @ 93.0A
121
SM15KPA110AN
A1A
A1C
110.0
122.0
5
10
178.0V @ 84.0A
133


Podobny numer części - SM15KPA64AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA220CA PROTEC-SM15KPA220CA Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA220CA PROTEC-SM15KPA220CA Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA30A PROTEC-SM15KPA30A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
More results

Podobny opis - SM15KPA64AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Protek Devices
SM15KPA17A PROTEC-SM15KPA17A_15 Datasheet
370Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
SM15KPA17A PROTEC-SM15KPA17A Datasheet
450Kb / 6P
   15kW SURFACE MOUNT POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_12 Datasheet
427Kb / 7P
   15kW POWER TVS COMPONENT
P15KP17 PROTEC-P15KP17_15 Datasheet
308Kb / 7P
   15kW POWER TVS COMPONENT
15KP17A PROTEC-15KP17A_12 Datasheet
483Kb / 7P
   15kW power tvs component
15KP17A PROTEC-15KP17A_10 Datasheet
552Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_10 Datasheet
420Kb / 7P
   15kW power tvs component
P15KP17 PROTEC-P15KP17 Datasheet
424Kb / 7P
   15kW power tvs component
15KPA17A PROTEC-15KPA17A_12 Datasheet
422Kb / 7P
   15kW power tvs component
PAM16AL30A PROTEC-PAM16AL30A Datasheet
383Kb / 5P
   15kW POWER TVS COMPONENT
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com