Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

FSB50325AS Arkusz danych(PDF) 5 Page - Fairchild Semiconductor

Numer części FSB50325AS
Szczegółowy opis  Motion SPMR 5 Series
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FAIRCHILD [Fairchild Semiconductor]
Strona internetowa  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50325AS Arkusz danych(HTML) 5 Page - Fairchild Semiconductor

  FSB50325AS Datasheet HTML 1Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 2Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 3Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 4Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 5Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 6Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 7Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 8Page - Fairchild Semiconductor FSB50325AS Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
©2012 Fairchild Semiconductor Corporation
5
www.fairchildsemi.com
FSB50325A, FSB50325AT, FSB50325AS Rev. C5
Recommended Operating Condition
Figure 2. Built-in Bootstrap Diode Characteristics (Typical)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VPN
Supply Voltage
Applied Between P and N
-
150
200
V
VCC
Control Supply Voltage
Applied Between VCC and COM
13.5
15.0
16.5
V
VBS
High-Side Bias Voltage
Applied Between VB and VS
13.5
15.0
16.5
V
VIN(ON)
Input ON Threshold Voltage
Applied Between IN and COM
3.0
-
VCC
V
VIN(OFF)
Input OFF Threshold Voltage
0
-
0.6
V
tdead
Blanking Time for Preventing
Arm-Short
VCC = VBS = 13.5 ~ 16.5 V, TJ 150°C
1.0
-
-
s
fPWM
PWM Switching Frequency
TJ 150°C
-
15
-
kHz
01
23
456
78
9
10
11
12
13
14
15
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Built-in Bootstrap Diode V
F
-I
F
Characteristic
V
F
[V]
Tc=25°C


Podobny numer części - FSB50325AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
FSB50325AS ONSEMI-FSB50325AS Datasheet
938Kb / 14P
   Motion SPM 5 Series
October 2014 Rev. C5
More results

Podobny opis - FSB50325AS

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50825A FAIRCHILD-FSB50825A Datasheet
459Kb / 10P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com