Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM2466 Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części LM2466
Szczegółowy opis  Monolithic Triple 7.5 ns CRT Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM2466 Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button LM2466 Datasheet HTML 2Page - Texas Instruments LM2466 Datasheet HTML 3Page - Texas Instruments LM2466 Datasheet HTML 4Page - Texas Instruments LM2466 Datasheet HTML 5Page - Texas Instruments LM2466 Datasheet HTML 6Page - Texas Instruments LM2466 Datasheet HTML 7Page - Texas Instruments LM2466 Datasheet HTML 8Page - Texas Instruments LM2466 Datasheet HTML 9Page - Texas Instruments LM2466 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
OBSOLETE
LM2466
SNOSA14B – SEPTEMBER 2003 – REVISED APRIL 2013
www.ti.com
THEORY OF OPERATION
The LM2466 is a high voltage monolithic three channel CRT driver suitable for high resolution display
applications. The LM2466 operates with 80V and 12V power supplies. The part is housed in the industry
standard 9-lead TO-220 molded plastic power package.
The circuit diagram of the LM2466 is shown in Figure 1. The PNP emitter follower, Q5, provides input buffering.
Q1 and Q2 form a fixed gain cascode amplifier with resistors R1 and R2 setting the gain at
−20. Emitter followers
Q3 and Q4 isolate the high output impedance of the cascode stage from the capacitance of the CRT cathode
which decreases the sensitivity of the device to load capacitance. Q6 provides biasing to the output emitter
follower stage to reduce crossover distortion at low signal levels.
Figure 2 shows a typical test circuit for evaluation of the LM2466. This circuit is designed to allow testing of the
LM2466 in a 50
Ω environment without the use of an expensive FET probe. In this test circuit, the two 2.49kΩ
resistors form a 200:1 wideband, low capacitance probe when connected to a 50
Ω coaxial cable and a 50Ω load
(such as a 50
Ω oscilloscope input). The input signal from the generator is ac coupled to the base of Q5.
APPLICATION HINTS
Introduction
Texas Instruments (TI) is committed to provide application information that assists our customers in obtaining the
best performance possible from our products. The following information is provided in order to support this
commitment. The reader should be aware that the optimization of performance was done using a specific printed
circuit board designed at TI. Variations in performance can be realized due to physical changes in the printed
circuit board and the application. Therefore, the designer should know that component value changes may be
required in order to optimize performance in a given application. The values shown in this document can be used
as a starting point for evaluation purposes. When working with high bandwidth circuits, good layout practices are
also critical to achieving maximum performance.
Important Information
The LM2466 performance is targeted for the VGA (640 x 480) to XGA (1024 x 768, 85 Hz refresh) resolution
market. The application circuits shown in this document to optimize performance and to protect against damage
from CRT arcover are designed specifically for the LM2466. If another member of the LM246X family is used,
please refer to its datasheet.
Power Supply Bypass
Since the LM2466 is a wide bandwidth amplifier, proper power supply bypassing is critical for optimum
performance. Improper power supply bypassing can result in large overshoot, ringing or oscillation. 0.1 µF
capacitors should be connected from the supply pins, VCC and VBB, to ground, as close to the LM2466 as is
practical. Additionally, a 47 µF or larger electrolytic capacitor should be connected from both supply pins to
ground reasonably close to the LM2466.
Arc Protection
During normal CRT operation, internal arcing may occasionally occur. Spark gaps, in the range of 200V,
connected from the CRT cathodes to CRT ground will limit the maximum voltage, but to a value that is much
higher than allowable on the LM2466. This fast, high voltage, high energy pulse can damage the LM2466 output
stage. The application circuit shown in Figure 9 is designed to help clamp the voltage at the output of the
LM2466 to a safe level. The clamp diodes, D1 and D2, should have a fast transient response, high peak current
rating, low series impedance and low shunt capacitance. FDH400 or equivalent diodes are recommended. Do
not use 1N4148 diodes for the clamp diodes. D1 and D2 should have short, low impedance connections to VCC
and ground respectively. The cathode of D1 should be located very close to a separately decoupled bypass
capacitor (C3 in Figure 9). The ground connection of D2 and the decoupling capacitor should be very close to the
LM2466 ground. This will significantly reduce the high frequency voltage transients that the LM2466 would be
subjected to during an arcover condition. Resistor R2 limits the arcover current that is seen by the diodes while
R1 limits the current into the LM2466 as well as the voltage stress at the outputs of the device. R2 should be a
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM2466


Podobny numer części - LM2466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2466TA NSC-LM2466TA Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
More results

Podobny opis - LM2466

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM2445 TI1-LM2445 Datasheet
1Mb / 15P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2445 NSC-LM2445 Datasheet
758Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
LM2407 NSC-LM2407 Datasheet
361Kb / 9P
   Monolithic Triple 7.5 nS CRT Driver
LM2437 NSC-LM2437 Datasheet
529Kb / 10P
   Monolithic Triple 7.5 ns CRT Driver
LM2467 NSC-LM2467 Datasheet
449Kb / 12P
   Monolithic Triple 7.5 ns CRT Driver
LM2436 NSC-LM2436 Datasheet
558Kb / 13P
   Monolithic Triple 7.5 ns CRT Driver
LM2466 NSC-LM2466 Datasheet
757Kb / 14P
   Monolithic Triple 7.5 ns CRT Driver
logo
Texas Instruments
LM2407 TI1-LM2407 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 nS CRT Driver
LM2436 TI1-LM2436 Datasheet
1Mb / 13P
[Old version datasheet]   Monolithic Triple 7.5 ns CRT Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com