Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC-122R Arkusz danych(PDF) 3 Page - Faraday Technology

Numer części ADC-122R
Szczegółowy opis  VIDEO FRONT-END MODULES
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  FARADAY [Faraday Technology]
Strona internetowa  http://www.faradaytech.com/
Logo FARADAY - Faraday Technology

ADC-122R Arkusz danych(HTML) 3 Page - Faraday Technology

  ADC-122R Datasheet HTML 1Page - Faraday Technology ADC-122R Datasheet HTML 2Page - Faraday Technology ADC-122R Datasheet HTML 3Page - Faraday Technology ADC-122R Datasheet HTML 4Page - Faraday Technology ADC-122R Datasheet HTML 5Page - Faraday Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Fara064d.doc
Page 3 of 5
Apr-01(E)
Specification
High Spec. analogue filter
ADC-100, ADC-101,
ADC-120, ADC-122
ADC-121
Analogue Filter Passband
6.0 MHz with ripple of
± 0.05 dB.
2.75 MHz with ripple of
± 0.05 dB.
Analogue Filter Start of Stopband
21.0 MHz
10.5 MHz
Analogue Filter Stopband rejection
45 dB
45 dB
Analogue Filter Group delay ripple
< 3 ns to 3.58 MHz
< 10 ns to 6.0 MHz
< 6 ns to 1.64 MHz
< 20 ns to 2.75 MHz
Differential gain
1% typical
1% typical
Differential phase
1
° typical
1
° typical
Supply current
+ 300 mA +5v
20 mA
-5v
+ 300 mA +5v
20 mA
-5v
Relaxed analogue filter
ADC-110R, ADC-111R,
Analogue Filter Passband
6.0 MHz with ripple of
± 0.1 dB.
Analogue Filter Start of Stopband
21.0 MHz
Analogue Filter Stopband rejection
35 dB
Analogue Filter Group delay ripple
< 3 ns to 3.58 MHz
< 16 ns to 6.0 MHz
Differential gain
1.5% typical
Differential phase
1.5
° typical
Supply current
+ 300 mA +5v
20 mA
-5v
Digital Filter
details
ADC-100, ADC-101, ADC-110,
ADC-111, ADC-120, ADC-121
ADC-122
Filter Type
TMC2242A
TMC2242C
Passband
± 0.01 dB to 0.22 fs
± 0.014 dB to 0.22 fs
Attenuation at 0.25 fs
- 6 dB
- 6 dB
Stopband attenuation
> 59 dB from 0.28 fs
> 56 dB from 0.29 fs
Data latency
34 clk periods
68 clk periods
Note: The ADC-122R uses the TMC2242C digital filter which features a double delay mode enabling the luminance
module (fs = 27 MHz) to output data synchronously with the colour difference modules (fs = 13.5 MHz). This
eliminates the need for a digital delay of the luminance data by 34 clock cycles. For further information consult
Fairchild datasheet TMC2242C.
An absolute delay difference of 37 ns exists between the ADC-122R and ADC-121R due to the differences in
the analogue filters.


Podobny numer części - ADC-122R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
ADC-12-4-75 MINI-ADC-12-4-75 Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-12-4-75++ MINI-ADC-12-4-75+ Datasheet
241Kb / 1P
   Directional Coupler 75廓 20 to 1000 MHz
ADC-12-7550 MINI-ADC-12-7550 Datasheet
281Kb / 1P
   Directional Coupler 50/75廓 5 to 1000 MHz
ADC-12-7550++ MINI-ADC-12-7550+ Datasheet
281Kb / 1P
   Directional Coupler 50/75廓 5 to 1000 MHz
logo
DATEL, Inc.
ADC-12BMC DATEL-ADC-12BMC Datasheet
105Kb / 1P
   Legacy Analog-to-Digital Converters
More results

Podobny opis - ADC-122R

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
EL4501 INTERSIL-EL4501 Datasheet
477Kb / 19P
   Video Front End
logo
Elantec Semiconductor
EL4501C ELANTEC-EL4501C Datasheet
183Kb / 10P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_06 Datasheet
365Kb / 19P
   Video Front End
logo
Renesas Technology Corp
EL4501 RENESAS-EL4501 Datasheet
924Kb / 20P
   Video Front End
logo
Intersil Corporation
EL4501 INTERSIL-EL4501_10 Datasheet
469Kb / 19P
   Video Front End (VFE)
logo
List of Unclassifed Man...
MI-AIM ETC-MI-AIM Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
Vicor Corporation
MI-AI VICOR-MI-AI Datasheet
210Kb / 2P
   Military Component Front End Modules
logo
XP Power Limited
CPH500USC3 XPPOWER-CPH500USC3 Datasheet
86Kb / 2P
   Component Power AC Front End Modules
logo
Vicor Corporation
MI-AIM-I1 VICOR-MI-AIM-I1 Datasheet
103Kb / 2P
   Military COTS Component Front-end Modules
logo
NXP Semiconductors
PNX3000 PHILIPS-PNX3000 Datasheet
285Kb / 51P
   Analog front end for digital video processors
2004 Oct 04
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com