Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV-9350A Arkusz danych(PDF) 5 Page - Vectron International, Inc

Numer części MV-9350A
Szczegółowy opis  Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MV-9350A Arkusz danych(HTML) 5 Page - Vectron International, Inc

  MV-9350A Datasheet HTML 1Page - Vectron International, Inc MV-9350A Datasheet HTML 2Page - Vectron International, Inc MV-9350A Datasheet HTML 3Page - Vectron International, Inc MV-9350A Datasheet HTML 4Page - Vectron International, Inc MV-9350A Datasheet HTML 5Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 5 of 5
Rev 1.2 Aug 2014
Revision History
Disclaimer
Vectron Interna onal reserves the right to make changes to the product(s) and or informa on contained herein without no ce. No liability is assumed as a result of their use or applica-
on. No rights under any patent accompany the sale of any such product(s) or informa on.
For Additional Information, Please Contact
USA:
Vectron Interna onal
267 Lowell Road, Suite 102
Hudson, NH 03051
Tel: 1.888.328.7661
Fax: 1.888.329.8328
Europe:
Vectron Interna onal
Landstrasse, D-74924
Neckarbischofsheim, Germany
Tel: +49 (0) 7268.801.100
Fax: +49 (0) 7268.801.282
Asia:
68 Yin Cheng Road(C), 22nd Floor
One Lu Jia Zui
Pudong, Shanghai 200120, China
Tel: +86 21 6194 6886
Fax: +86 21 6194 6699
Revision
Change Summary
Date
1.0
Product Release
June 2013
1.1
Knowles logo and address change
Feb 2014
1.2
Add ±20ppm temperature stability
Aug 2014


Podobny numer części - MV-9350A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
More results

Podobny opis - MV-9350A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
MV-9400A VECTRON-MV-9400A Datasheet
281Kb / 6P
   Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
SiTime Corp.
SIT3809 SITIME-SIT3809 Datasheet
527Kb / 14P
   80 MHz to 220 MHz MEMS VCXO
logo
Vectron International, ...
MO-9150A VECTRON-MO-9150A Datasheet
356Kb / 5P
   80-220 MHz High Performance Oscillator
logo
Skyworks Solutions Inc.
SI545 SKYWORKS-SI545 Datasheet
923Kb / 21P
   Ultra Low Jitter Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206613A May, 2023
SI546 SKYWORKS-SI546 Datasheet
1Mb / 21P
   Ultra Low Jitter Dual Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206614A May, 2023
SI547 SKYWORKS-SI547 Datasheet
1Mb / 22P
   Ultra Low Jitter Quad Any-Frequency XO (80 fs), 0.2 to 1500 MHz
Revision 206615A May, 2023
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com