Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MV-9400A Arkusz danych(PDF) 4 Page - Vectron International, Inc

Numer części MV-9400A
Szczegółowy opis  Any frequency between 1 MHz and 220 MHz with 6 decimal places of accuracy
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  VECTRON [Vectron International, Inc]
Strona internetowa  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MV-9400A Arkusz danych(HTML) 4 Page - Vectron International, Inc

  MV-9400A Datasheet HTML 1Page - Vectron International, Inc MV-9400A Datasheet HTML 2Page - Vectron International, Inc MV-9400A Datasheet HTML 3Page - Vectron International, Inc MV-9400A Datasheet HTML 4Page - Vectron International, Inc MV-9400A Datasheet HTML 5Page - Vectron International, Inc MV-9400A Datasheet HTML 6Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Vectron Interna onal • 267 Lowell Road, Hudson, NH 03051 • Tel: 1-88-VECTRON-1 • h p://www.vectron.com
Page 4 of 6
Pin Assignments
Termina on Circuit Examples
Z0 = 50 :
Z0 = 50 :
D+
D-
OUT+
OUT-
50 :
VTT = VDD – 2.0 V
Drive Device
Receiver Device
50 :
VDD
D+
D-
OUT+
OUT-
Drive Device
Receiver Device
Z0 = 50 :
Z0 = 50 :
R1
50 :
50 :
R1
VTT
100 nF
100 nF
R1 = 100 to 150 :
VDD
Figure 1. LVPECL Typical Termina on
Figure 2. LVPECL AC Coupled Termina on
Z0 = 50 :
Z0 = 50 :
D+
D-
OUT+
OUT-
Drive Device
Receiver
Device
R1
R2
R3
R4
VDD
VDD = 3.3V => R1 = R3 = 133 : and
R2 = R4 = 82 :
VDD = 2.5V => R1 = R3 = 250 : and
R2 = R4 = 62.5 :
VDD
Z0 = 50 :
Z0 = 50 :
D+
D-
OUT+
OUT-
100 :
Drive Device
Receiver Device
VDD
Figure 3. LVPECL with Thevenin Typical Termina on
Figure 4. LVDS Single Termina on (Load Terminated)
Rev 1.2 Aug 2014


Podobny numer części - MV-9400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
More results

Podobny opis - MV-9400A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vectron International, ...
MV-9350A VECTRON-MV-9350A Datasheet
346Kb / 5P
   Any frequency between 80 MHz and 220 MHz with 6 decimal places of accuracy
MV-9450A VECTRON-MV-9450A Datasheet
282Kb / 6P
   Any frequency between 220-625 MHz with 6 decimal places of accuracy
MV-9300A VECTRON-MV-9300A Datasheet
253Kb / 5P
   Any frequency between 1 MHz and 80 MHz with 6 decimal places of accuracy
logo
Abracon Corporation
ASTMUPLD ABRACON-ASTMUPLD Datasheet
2Mb / 6P
   Any frequency between 1MHz and 625MHz
05/15/2017
logo
Skyworks Solutions Inc.
SI5355 SKYWORKS-SI5355 Datasheet
1Mb / 22P
   ANY-FREQUENCY 1–200 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.2
logo
Silicon Laboratories
SI5355 SILABS-SI5355 Datasheet
270Kb / 22P
   ANY-FREQUENCY 1??00 MHZ QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
SI5356A SILABS-SI5356A Datasheet
491Kb / 29P
   IC PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5356A SKYWORKS-SI5356A Datasheet
1Mb / 28P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1–200 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
Rev. 1.4
logo
Silicon Laboratories
SI5356B SILABS-SI5356B Datasheet
779Kb / 29P
   I2C PROGRAMMABLE, ANY-FREQUENCY 1??00 MHZ, QUAD FREQUENCY 8-OUTPUT CLOCK GENERATOR
logo
Microsemi Corporation
ZL30260 MICROSEMI-ZL30260 Datasheet
265Kb / 4P
   1-APLL, 6- or 10-Output Any-to-Any Clock Multiplier and Frequency Synthesizer
September 2016
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com