Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4019BM Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części CD4019BM
Szczegółowy opis  Quad AND-OR Select Gate
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4019BM Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  CD4019BM Datasheet HTML 1Page - National Semiconductor (TI) CD4019BM Datasheet HTML 2Page - National Semiconductor (TI) CD4019BM Datasheet HTML 3Page - National Semiconductor (TI) CD4019BM Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
TLF5952
February 1988
CD4019BMCD4019BC Quad AND-OR Select Gate
General Description
The CD4019BMCD4019BC is a complementary MOS quad
AND-OR select gate Low power and high noise margin
over a wide voltage range is possible through implementa-
tion of N- and P-channel enhancement mode transistors
These complementary MOS (CMOS) transistors provide the
building blocks for the 4 ‘‘AND-OR select’’ gate configura-
tions each consisting of two 2-input AND gates driving a
single 2-input OR gate Selection is accomplished by control
bits KA and KB All inputs are protected against static dis-
charge damage
Features
Y
Wide supply voltage range
30V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power TTL
Fan out of 2 driving 74L
compatibility
or 1 driving 74LS
Applications
Y
AND-OR select gating
Y
Shift-rightshift-left registers
Y
Truecomplement selection
Y
ANDOREXCLUSIVE-OR selection
Connection and Schematic Diagrams
Dual-In-Line Package
TLF5952 – 1
Top View
Order Number CD4019B
TLF5952 – 2
Schematic diagram for 1 of 4 identical stages
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Podobny numer części - CD4019BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4019BM TI-CD4019BM Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
CD4019BM TI1-CD4019BM Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4019BM96 TI-CD4019BM96 Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
CD4019BM96 TI1-CD4019BM96 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
CD4019BM96E4 TI1-CD4019BM96E4 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results

Podobny opis - CD4019BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Electronics
MMC4019 MICRO-ELECTRONICS-MMC4019 Datasheet
102Kb / 4P
   QUAD AND OR SELECT GATE
logo
Fairchild Semiconductor
CD4019BC FAIRCHILD-CD4019BC Datasheet
59Kb / 6P
   Quad AND-OR Select Gate
logo
STMicroelectronics
HCC4019B STMICROELECTRONICS-HCC4019B Datasheet
281Kb / 13P
   QUAD AND/OR SELECT GATE
logo
System Logic Semiconduc...
SL4019B SLS-SL4019B Datasheet
43Kb / 4P
   Quad AND/OR Select Gate
logo
List of Unclassifed Man...
IW4019B ETC1-IW4019B Datasheet
245Kb / 5P
   Quad AND/OR Select Gate
logo
STMicroelectronics
HCF4019B STMICROELECTRONICS-HCF4019B_01 Datasheet
405Kb / 9P
   QUAD AND/OR SELECT GATE
logo
Texas Instruments
CD4019B TI-CD4019B Datasheet
515Kb / 11P
[Old version datasheet]   CMOS Quad AND/OR Select Gate
logo
Intersil Corporation
CD4019BMS INTERSIL-CD4019BMS Datasheet
112Kb / 9P
   CMOS Quad AND/OR Select Gate
November 1994
logo
KODENSHI_AUK CORP.
KK4019B KODENSHI-KK4019B Datasheet
259Kb / 5P
   Quad AND/OR Select Gate High-Voltage Silicon-Gate CMOS
logo
Texas Instruments
CD4019B TI1-CD4019B_15 Datasheet
938Kb / 16P
[Old version datasheet]   CMOS Quad AND/OR Gate
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com