Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4029BM Arkusz danych(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części CD4029BM
Szczegółowy opis  Presettable Binary/Decade Up/Down Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4029BM Arkusz danych(HTML) 1 Page - National Semiconductor (TI)

  CD4029BM Datasheet HTML 1Page - National Semiconductor (TI) CD4029BM Datasheet HTML 2Page - National Semiconductor (TI) CD4029BM Datasheet HTML 3Page - National Semiconductor (TI) CD4029BM Datasheet HTML 4Page - National Semiconductor (TI) CD4029BM Datasheet HTML 5Page - National Semiconductor (TI) CD4029BM Datasheet HTML 6Page - National Semiconductor (TI) CD4029BM Datasheet HTML 7Page - National Semiconductor (TI) CD4029BM Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5960
February 1988
CD4029BMCD4029BC Presettable
BinaryDecade UpDown Counter
General Description
The CD4029BMCD4029BC is a presettable updown
counter which counts in either binary or decade mode de-
pending on the voltage level applied at binarydecade input
When binarydecade is at logical ‘‘1’’ the counter counts in
binary otherwise it counts in decade Similarly the counter
counts up when the updown input is at logical ‘‘1’’ and vice
versa
A logical ‘‘1’’ preset enable signal allows information at the
‘‘jam’’ inputs to preset the counter to any state asynchro-
nously with the clock The counter is advanced one count at
the positive-going edge of the clock if the carry in and pre-
set enable inputs are at logical ‘‘0’’ Advancement is inhibit-
ed when either or both of these two inputs is at logical ‘‘1’’
The carry out signal is normally at logical ‘‘1’’ state and goes
to logical ‘‘0’’ state when the counter reaches its maximum
count in the ‘‘up’’ mode or the minimum count in the ‘‘down’’
mode provided the carry input is at logical ‘‘0’’ state
All inputs are protected against static discharge by diode
clamps to both VDD and VSS
Features
Y
Wide supply voltage range
3V to 15V
Y
High noise immunity
045 VDD (typ)
Y
Low power
fan out of 2
TTL compatibility
driving 74L
or 1 driving 74LS
Y
Parallel jam inputs
Y
Binary or BCD decade updown counting
Logic Diagram
TLF5960 – 1
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Podobny numer części - CD4029BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Texas Instruments
CD4029BM TI-CD4029BM Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
CD4029BM TI1-CD4029BM Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
CD4029BM96 TI-CD4029BM96 Datasheet
302Kb / 7P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
CD4029BM96 TI1-CD4029BM96 Datasheet
1Mb / 18P
[Old version datasheet]   CMOS PRESETTABLE UP/DOWN COUNTER
More results

Podobny opis - CD4029BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
CD4029BM NSC-CD4029BM Datasheet
164Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Fairchild Semiconductor
CD4029BC FAIRCHILD-CD4029BC Datasheet
94Kb / 8P
   Presettable Binary/Decade Up/Down Counter
logo
Motorola, Inc
SN54LS192 MOTOROLA-SN54LS192 Datasheet
276Kb / 9P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
ON Semiconductor
SN54-74LS192 ONSEMI-SN54-74LS192 Datasheet
110Kb / 7P
   PRESETTABLE BCD/DECADE UP/DOWN COUNTER PRESETTABLE 4-BIT BINARY UP/DOWN COUNTER
logo
STMicroelectronics
HCC4029B STMICROELECTRONICS-HCC4029B Datasheet
295Kb / 13P
   BINARY OR BCD DECADE PRESETTABLE UP/DOWN COUNTER
logo
Micro Electronics
MMC4029 MICRO-ELECTRONICS-MMC4029 Datasheet
170Kb / 4P
   PRESETTABLE UP / DOWN COUNTER BINARY OR BCD - DECADE
logo
STMicroelectronics
HCF4029B STMICROELECTRONICS-HCF4029B Datasheet
485Kb / 12P
   PRESETTABLE UP/DOWN COUNTER BINARY OR BCD DECADE
September 2002
HCF4516B STMICROELECTRONICS-HCF4516B_02 Datasheet
488Kb / 11P
   PRESETTABLE BINARY UP/DOWN COUNTER
logo
ON Semiconductor
MC14029B ONSEMI-MC14029B_05 Datasheet
124Kb / 8P
   Binary/Decade Up/Down Counter
August, 2005 ??Rev. 6
logo
Motorola, Inc
MC14029B MOTOROLA-MC14029B Datasheet
279Kb / 8P
   Binary/Decade Up/Down Counter
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com