Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CD4035BM Arkusz danych(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Numer części CD4035BM
Szczegółowy opis  4-Bit Parallel-In/Parallel-Out Shift Register
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

CD4035BM Arkusz danych(HTML) 4 Page - National Semiconductor (TI)

  CD4035BM Datasheet HTML 1Page - National Semiconductor (TI) CD4035BM Datasheet HTML 2Page - National Semiconductor (TI) CD4035BM Datasheet HTML 3Page - National Semiconductor (TI) CD4035BM Datasheet HTML 4Page - National Semiconductor (TI) CD4035BM Datasheet HTML 5Page - National Semiconductor (TI) CD4035BM Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
AC Electrical Characteristics
TA e 25 C CL e 50 pF RL e 200k tr and tf e 20 ns unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CLOCKED OPERATION
(Continued)
CIN
Input Capacitance
Any Input
5
75
pF
RESET OPERATION
tPHL tPLH
Propagation Delay Time
VDD e 5V
300
500
ns
VDD e 10V
150
200
ns
VDD e 15V
85
150
ns
tWH
Minimum Reset Pulse Width
VDD e 5V
75
250
ns
VDD e 10V
30
110
ns
VDD e 15V
25
80
ns
AC Parameters are guaranteed by DC correlated testing
Truth Table
CL
tn b 1 (Inputs)
tn (Outputs)
JK
RQnb1
Qn
L
0X
0
0
0
L
IX
0
0
I
L
X0
0
I
0
L
I0
0
Qnb1
Qnb1
TOGGLE
MODE
L
XI
0
I
I
K
XX
0
Qnb1
Qnb1
XX
X
I
X
0
Switching Time Waveforms
TLF5964 – 3
TC Input Low
Reset Input Low
4


Podobny numer części - CD4035BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CD4035BM TI-CD4035BM Datasheet
893Kb / 17P
[Old version datasheet]   Parallel In/Parallel Out Shift Refister
CD4035BM TI1-CD4035BM Datasheet
906Kb / 16P
[Old version datasheet]   CMOS 4-stage Paraller in/Paraller Out shift Register
CD4035BM96 TI-CD4035BM96 Datasheet
893Kb / 17P
[Old version datasheet]   Parallel In/Parallel Out Shift Refister
CD4035BM96 TI1-CD4035BM96 Datasheet
906Kb / 16P
[Old version datasheet]   CMOS 4-stage Paraller in/Paraller Out shift Register
CD4035BM96E4 TI-CD4035BM96E4 Datasheet
893Kb / 17P
[Old version datasheet]   Parallel In/Parallel Out Shift Refister
More results

Podobny opis - CD4035BM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MC14035B MOTOROLA-MC14035B Datasheet
224Kb / 6P
   4-Bit Parallel-In/Parallel-Out Shift Register
logo
Micro Electronics
MMC4035 MICRO-ELECTRONICS-MMC4035 Datasheet
173Kb / 6P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
STMicroelectronics
HCC4035B STMICROELECTRONICS-HCC4035B Datasheet
296Kb / 14P
   4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
HCF4035B STMICROELECTRONICS-HCF4035B_01 Datasheet
1Mb / 11P
   4 STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Intersil Corporation
CD4035BMS INTERSIL-CD4035BMS Datasheet
118Kb / 10P
   CMOS 4 -Stage Parallel In/Parallel Out Shift Register
logo
Texas Instruments
CD4035B TI-CD4035B Datasheet
269Kb / 6P
[Old version datasheet]   CMOS 4-STAGE PARALLEL IN/PARALLEL OUT SHIFT REGISTER
logo
Toshiba Semiconductor
TC74VHC9164FK TOSHIBA-TC74VHC9164FK Datasheet
666Kb / 10P
   8-Bit Shift Register (Parallel-IN/ Serial-OUT, Serial -IN/ Parallel -OUT)
2018-06-22
logo
NXP Semiconductors
74HC4015 PHILIPS-74HC4015 Datasheet
50Kb / 8P
   Dual 4-bit serial-in/parallel-out shift register
December 1990
logo
Hitachi Semiconductor
HD74HC164 HITACHI-HD74HC164 Datasheet
51Kb / 9P
   8-bit Parallel-out Shift Register
logo
Renesas Technology Corp
HD74HC164 RENESAS-HD74HC164_15 Datasheet
145Kb / 10P
   8-bit Parallel-out Shift Register
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com