Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADXRS622BBGZ Arkusz danych(PDF) 11 Page - Analog Devices

Numer części ADXRS622BBGZ
Szczegółowy opis  plus,minus250temperature/sec Yaw Rate Gyroscope
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADXRS622BBGZ Arkusz danych(HTML) 11 Page - Analog Devices

Back Button ADXRS622BBGZ Datasheet HTML 4Page - Analog Devices ADXRS622BBGZ Datasheet HTML 5Page - Analog Devices ADXRS622BBGZ Datasheet HTML 6Page - Analog Devices ADXRS622BBGZ Datasheet HTML 7Page - Analog Devices ADXRS622BBGZ Datasheet HTML 8Page - Analog Devices ADXRS622BBGZ Datasheet HTML 9Page - Analog Devices ADXRS622BBGZ Datasheet HTML 10Page - Analog Devices ADXRS622BBGZ Datasheet HTML 11Page - Analog Devices ADXRS622BBGZ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADXRS622
Rev. C | Page 11 of 12
OUTLINE DIMENSIONS
A
B
C
D
E
F
G
7
6
5
4
3
TOP VIEW
DETAIL A
BALL DIAMETER
0.60
0.55
0.50
0.60 MAX
0.25 MIN
COPLANARITY
0.15
2
1
*A1 CORNER
INDEX AREA
3.20 MAX
2.50 MIN
*BALL A1 IDENTIFIER IS GOLD PLATED AND CONNECTED
TO THE D/A PAD INTERNALLY VIA HOLES.
7.05
6.85 SQ
6.70
A1 BALL
CORNER
BOTTOM VIEW
DETAIL A
0.80
BSC
4.80
BSC SQ
SEATING
PLANE
3.80 MAX
Figure 24. 32-Lead Ceramic Ball Grid Array [CBGA]
(BG-32-3)
Dimensions shown in millimeters
ORDERING GUIDE
Model1, 2
Temperature Range
Package Description
Package Option
ADXRS622BBGZ
−40°C to +105°C
32-Lead Ceramic Ball Grid Array [CBGA]
BG-32-3
ADXRS622BBGZ-RL
−40°C to +105°C
32-Lead Ceramic Ball Grid Array [CBGA]
BG-32-3
ADXRS622WBBGZA
−40°C to +105°C
32-Lead Ceramic Ball Grid Array [CBGA]
BG-32-3
ADXRS622WBBGZA-RL
−40°C to +105°C
32-Lead Ceramic Ball Grid Array [CBGA]
BG-32-3
EVAL-ADXRS622Z
Evaluation Board
1 Z = RoHS Compliant Part.
2 W = Qualified for Automotive Applications.
AUTOMOTIVE PRODUCTS
The ADXRS622W models are available with controlled manufacturing to support the quality and reliability requirements of automotive
applications. Note that these automotive models may have specifications that differ from the commercial models; therefore, designers
should review the Specifications section of this data sheet carefully. Only the automotive grade products shown are available for use in
automotive applications. Contact your local Analog Devices account representative for specific product ordering information and to
obtain the specific Automotive Reliability reports for these models.


Podobny numer części - ADXRS622BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS620 AD-ADXRS620 Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620BBGZ-RL AD-ADXRS620BBGZ-RL Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
558Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS620WBBGZA AD-ADXRS620WBBGZA Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
More results

Podobny opis - ADXRS622BBGZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADXRS623 AD-ADXRS623 Datasheet
393Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
REV. 0
ADXRS613 AD-ADXRS613 Datasheet
421Kb / 12P
   짹150째/sec Yaw Rate Gyroscope
REV. 0
ADXRS623 AD-ADXRS623_V01 Datasheet
328Kb / 12P
   짹150째/Sec Yaw Rate Gyroscope
Rev. A
ADIS16100 AD-ADIS16100_15 Datasheet
427Kb / 16P
   Yaw Rate Gyroscope with SPI
REV. D
ADXRS652 AD-ADXRS652 Datasheet
329Kb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612_15 Datasheet
1Mb / 12P
   250/sec Yaw Rate Gyro
ADXRS620BBGZ AD-ADXRS620BBGZ Datasheet
527Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. B
ADIS16080 AD-ADIS16080_15 Datasheet
518Kb / 16P
   Yaw Rate Gyroscope with SPI
Rev. C
ADXRS610 AD-ADXRS610 Datasheet
714Kb / 12P
   짹300째/sec Yaw Rate Gyro
REV. 0
ADXRS612 AD-ADXRS612 Datasheet
1Mb / 12P
   짹250째/sec Yaw Rate Gyro
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com