Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES233 Arkusz danych(PDF) 4 Page - Cyrustek corporation

Numer części ES233
Szczegółowy opis  4000 Counts DMM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Arkusz danych(HTML) 4 Page - Cyrustek corporation

  ES233 Datasheet HTML 1Page - Cyrustek corporation ES233 Datasheet HTML 2Page - Cyrustek corporation ES233 Datasheet HTML 3Page - Cyrustek corporation ES233 Datasheet HTML 4Page - Cyrustek corporation ES233 Datasheet HTML 5Page - Cyrustek corporation ES233 Datasheet HTML 6Page - Cyrustek corporation ES233 Datasheet HTML 7Page - Cyrustek corporation ES233 Datasheet HTML 8Page - Cyrustek corporation ES233 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
V 2.2
4
2015/12/15
ES233
4000 Counts DMM
Pin Description ( Continued )
Pin No
Symbol
Type
Description
37
mVin
I
Measurement input in 400.0mV mode.
38
LPFout
O
Capacitor C1 connection for internal low-pass filter.
39
LPC1
O
Capacitor C1 connection for internal low-pass filter.
40
LPC2
O
Capacitor C2 connection for internal low-pass filter.
41
LPC3
O
Capacitor C3 connection for internal low-pass filter.
42
CAN
I / O
Negative auto-zero capacitor connection for capacitor measurement.
43
CAP
I / O
Positive auto-zero capacitor connection for capacitor measurement.
44
R10K
O
Connect to a precised 10
KΩ resister for capacitor measurement.
45
R1K
O
Connect to a precised
1KΩ resister for capacitor measurement.
46
OVX
I
Sense input for resistance / capacitance measurement.
47
OVH
O
Output connection for resistance measurement.
48
OVH1
O
Output connection for resistance measurement. (Optional)
49
SLEEP
O
Sleep mode indicator, asserts low in SLEEP mode.
50
FREQ
I
Frequency counter input, offset V-/2 internally by the chip.
51
CALENP
I
Pulled to V- to enable the calibration scheme.
52
SDAP
I / O
Input / Output from to EEPROM 24LC02 data.
53
SCLP
O
Output to EEPROM 24LC02 clock.
54
BZOUT
O
Outputs a 2KHz audio frequency signal for driving piezoelectric buzzer
55
BKOUT
O
If BKLIT function is enabled, this pin will change from V- to V+. Once press
BKLIT pin again within 300 sec, this pin will Change back to V-.
56
ALARM1
O
Short circuit indication output.
57
ALARM
O
HV signal detection in Voltage mode and EF mode indication output.
58
BP4
O
LCD backplane 4.
59
BP3
O
LCD backplane 3.
60
BP2
O
LCD backplane 2.
61
BP1
O
LCD backplane 1.
62 - 90
SEG29 - SEG01
O
LCD segment line 01 – 29.
91
CESEL*
I
Voltage OL selection feature control pin. (1010V/610V)
92
SEL2*
I
Diode OL level and HV indication selection pin.
93
SEL1*
I
Set current mode OL level selection pin. (DMM or clamp mode)
94
DIS*
I
Control warning buzzer output at LPF and HV mode
95
TSEL*
I
Temperature mode controls the automatic mode or manual mode and enable or
disable input terminal symbol displayed on the LCD panel selection pin.
96
VST*
I
Enable the auto range voltage mode to start from 400.0V or disable ADP input
terminal symbol displayed on the LCD panel selection pin.
97
APOSEL
I
Idle time selection for auto power off feature.
98
VBAR
I
In µA or mA modes, it is used to control the ‘µ’ or ‘m’ sign.
Set to V- to enable the clamp current mode.


Podobny numer części - ES233

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Podobny opis - ES233

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com