Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ES233 Arkusz danych(PDF) 1 Page - Cyrustek corporation

Numer części ES233
Szczegółowy opis  4000 Counts DMM
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CYRUSTEK [Cyrustek corporation]
Strona internetowa  http://www.cyrustek.com.tw
Logo CYRUSTEK - Cyrustek corporation

ES233 Arkusz danych(HTML) 1 Page - Cyrustek corporation

  ES233 Datasheet HTML 1Page - Cyrustek corporation ES233 Datasheet HTML 2Page - Cyrustek corporation ES233 Datasheet HTML 3Page - Cyrustek corporation ES233 Datasheet HTML 4Page - Cyrustek corporation ES233 Datasheet HTML 5Page - Cyrustek corporation ES233 Datasheet HTML 6Page - Cyrustek corporation ES233 Datasheet HTML 7Page - Cyrustek corporation ES233 Datasheet HTML 8Page - Cyrustek corporation ES233 Datasheet HTML 9Page - Cyrustek corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
V 2.2
1
2015/12/15
ES233
4000 Counts DMM
Features
4,000 counts LCD display with 21 analog bar-graph
LQFP 128L package
3V DC power supply
Slow ADC Conversion rate : 3 times/s
Bar-graph ADC conversion rate : 30 times/s
Full automatic measurement
* Voltage measurement : 400.0mV, 4.000V – 1000V
* Current measurement :
μA/mA/A
* Frequency with Voltage or Current :
* Resistance measurement :
4
0.00Ω – 40.00MΩ
* Capacitance measurement :
4.000nF – 40.00mF
( Taiwan patent no.: 323347, 453443 )
* Capacitance measurement for Clampmeter mode :
4.000nF – 40.00mF
* Smart auto check for R / S / D / C mode
Resistance : 0.0
Ω – 4.000MΩ
(Buz. On when R < 30
Ω)
Capacitance : 0.500nF – 400.0uF
(Taiwan patent no.: 326361)
* Not contact AC electric field detection
* Frequency counter :
400.0Hz – 40.00MHz
* Duty cycle measurement :
5% – 95% (< 10kHz)
Diode measurement & continuity check
Hazardous AC/DC voltage (HV) indication
4 ADP modes with external reference voltage and
independent “ADP” user-defined segment on LCD
Temperature mode with internal scale translation
circuit from
0C to 0F
K-type thermocouple reference table compensation
(-200 ºC ~ 1350 ºC range)
Push functions :
* VAHz function
* MAX/MIN function
* Relative function
* Zero function: DCA clampmeter only
* Back Light function
* KEY function
* Data Hold and delayed-hold function
* Range change function
* Semi-auto calibration operation
(Taiwan patent no.: 367334)
Low pass filter mode for ACA/ACV measurement
(Taiwan patent no.: 362409)
Band-gap reference voltage output
Voltage overflow selection ( DC / AC : 1010V, DC /
AC : 610V)
Serial data output ( RS232 format )
LCD segment check when power on
Auto power off ( 30min / 15min )
Sleep state indicative signal output
Re-power on
On-chip buzzer driver
Low battery detection
Description
ES233 is an integrated analog-to-digital converter
with 4,000-count LCD with bar-graph display,
automatic range selection, and 3V DC power
supply. Automatic range selection is provided for
ACV/DCV measurement, resistance measurement,
current measurement, capacitance measurement,
and frequency counter. Expensive and bulky
mechanical range switches are not required. Other
features include relative value display, offset
removing feature for DCA clamp mode, data
holding, maximum and minimum value holding,
duty cycle measurement, diode measurement,
temperature measurement, continuity checking,
low battery detection, auto power off, re-power on,
backlight driver, buzzer driver and RS232 data
output.


Podobny numer części - ES233

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Power-One
ES2320-7R POWER-ONE-ES2320-7R Datasheet
147Kb / 4P
   100 Watt DC-DC Converters
logo
Cyrustek corporation
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES238 CYRUSTEK-ES238 Datasheet
863Kb / 37P
   6000 Counts DMM / Peak
More results

Podobny opis - ES233

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Cyrustek corporation
ES277 CYRUSTEK-ES277 Datasheet
463Kb / 25P
   4000 Counts DMM
V 1.1 2016/08/16
ES236 CYRUSTEK-ES236 Datasheet
800Kb / 36P
   4000 Counts DMM / Inrush
ES278 CYRUSTEK-ES278 Datasheet
637Kb / 25P
   4000 Counts Manual DMM
ES235 CYRUSTEK-ES235 Datasheet
849Kb / 37P
   4000 Counts DMM / Peak
ES252 CYRUSTEK-ES252 Datasheet
874Kb / 36P
   2000 Counts DMM
ES237 CYRUSTEK-ES237 Datasheet
1Mb / 37P
   6000 Counts DMM
ES251 CYRUSTEK-ES251 Datasheet
765Kb / 35P
   2000 Counts DMM
ES51927 CYRUSTEK-ES51927 Datasheet
342Kb / 22P
   6000 Counts Smart DMM
ES51916 CYRUSTEK-ES51916_11 Datasheet
786Kb / 29P
   11,000 Counts Auto DMM
ES51925 CYRUSTEK-ES51925_10 Datasheet
405Kb / 22P
   3000 Counts Smart DMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com