Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TAV-541 Arkusz danych(PDF) 4 Page - Mini-Circuits

Numer części TAV-541
Szczegółowy opis  E-PHEMT 0.45-6GHz
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MINI [Mini-Circuits]
Strona internetowa  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TAV-541 Arkusz danych(HTML) 4 Page - Mini-Circuits

  TAV-541 Datasheet HTML 1Page - Mini-Circuits TAV-541 Datasheet HTML 2Page - Mini-Circuits TAV-541 Datasheet HTML 3Page - Mini-Circuits TAV-541 Datasheet HTML 4Page - Mini-Circuits TAV-541 Datasheet HTML 5Page - Mini-Circuits TAV-541 Datasheet HTML 6Page - Mini-Circuits TAV-541 Datasheet HTML 7Page - Mini-Circuits TAV-541 Datasheet HTML 8Page - Mini-Circuits TAV-541 Datasheet HTML 9Page - Mini-Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
E-PHEMT
TAV-541+
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
Page 4 of 13
Typical Performance Curves
NOISE FIGURE vs IDS @ 0.9 GHz (1)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
GAIN vs IDS @ 2 GHz (1)
14.0
14.5
15.0
15.5
16.0
16.5
17.0
17.5
18.0
18.5
19.0
19.5
20.0
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
NOISE FIGURE vs IDS @ 2 GHz (1)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=3V
VDS=4V
(1) Includes test board loss, set-up and conditions per Figure 1.
(2) Measured using HP4155B semiconductor parameter analyzer.
(3) F Min is minimum Noise Figure
(4) Draing current was allowed to increase during compression measurement.
I-V (VGS=0.1V PER STEP) (2)
0
20
40
60
80
100
120
0.0 0.5 1.0 1.5 2.0 2.5 3.0 3.5 4.0 4.5 5.0 5.5 6.0
VDS (V)
0.2V
0.3V
0.4V
0.5V
0.6V
0.7V
F Min vs IDS @ 2 GHz (3)
0.25
0.27
0.29
0.31
0.33
0.35
0.37
0.39
0.41
0.43
0.45
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=2V
VDS=3V
VDS 4V
F Min vs IDS @ 0.9 GHz (3)
0.10
0.11
0.12
0.13
0.14
0.15
0.16
0.17
0.18
0.19
0.20
10
15
20
25
30
35
40
45
50
55
60
IDS (mA)
VDS=2V
VDS=3V
VDS=4V


Podobny numer części - TAV-541

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
More results

Podobny opis - TAV-541

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mini-Circuits
SAV-551 MINI-SAV-551 Datasheet
582Kb / 13P
   E-PHEMT 0.45-6GHz
TAV-551 MINI-TAV-551 Datasheet
590Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-541 MINI-SAV-541 Datasheet
586Kb / 13P
   E-PHEMT 0.45-6GHz
SAV-581 MINI-SAV-581 Datasheet
542Kb / 11P
   E-PHEMT 0.45-6GHz
TAV-581 MINI-TAV-581 Datasheet
570Kb / 11P
   E-PHEMT 0.45-6GHz
logo
AVAGO TECHNOLOGIES LIMI...
VMMK-2103 AVAGO-VMMK-2103 Datasheet
222Kb / 2P
   E-pHEMT Amplifier in a Wafer Scale Package (0.5 - 6GHz)
logo
RFHIC
AE663 RFHIC-AE663 Datasheet
630Kb / 8P
   E-pHEMT
AE308 RFHIC-AE308 Datasheet
308Kb / 3P
   E-pHEMT
AE608 RFHIC-AE608 Datasheet
447Kb / 8P
   E-pHEMT
AE616 RFHIC-AE616 Datasheet
352Kb / 8P
   E-pHEMT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com