Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GSX-530 Arkusz danych(PDF) 1 Page - Golledge Electronics Ltd

Numer części GSX-530
Szczegółowy opis  SM Crystal - High Frequency
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOLLEDGE [Golledge Electronics Ltd]
Strona internetowa  http://www.golledge.com
Logo GOLLEDGE - Golledge Electronics Ltd

GSX-530 Arkusz danych(HTML) 1 Page - Golledge Electronics Ltd

  GSX-530 Datasheet HTML 1Page - Golledge Electronics Ltd GSX-530 Datasheet HTML 2Page - Golledge Electronics Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Tel: +44 1460 256 100
Fax: +44 1460 256 101
E-mail: sales@golledge.com
Web: www.golledge.com
04 Mar 2016
TOP VIEW
43
12
PAD
1
2
3
4
CONNECTION
Crystal
Ground
Crystal
Ground
5.00
±0.20
3.20
±0.20
0.80
(max)
2.54
0.15
2.60
1.40
12
1.20
1.10
1.20
1.80
1.80
2.60
SOLDER PAD LAYOUT
3
4
Features
Fundamental mode up to 200MHz
Plasma etched inverted mesa process
Wide pulling range (fundamental mode)
Suitable for low & medium volumes
Custom frequencies available on short lead times
Product name + option codes + frequency
eg: GSX-530/112DF 12.80MHz 10/10/20/16-F
GSX-530/232BF 100MHz 20/30/20/12-F
Option code X (eg GSX-530/X) denotes a custom specification.
Ordering Information
GSX-530
Option
Codes
Product
Parameters
Standard. Optional - Please specify required code(s) when ordering
Specifications
2011/65/EU
SM Crystal - High Frequency
GSX-530
Frequency range:
8.0 ~ 200MHz
Calibration tolerance:
±10ppm
1
±20ppm
2
±30ppm
3
Other values
specify
Temperature stability:
±10ppm
1
±15ppm
P
±20ppm
2
±30ppm
3
Other values
specify
Operating temperature range:
-20 to +70°C

2
-30 to +80°C

3
-40 to +85°C

4
Other values
specify
Storage temperature range:
-40 to +90°C
Circuit condition:
9pF

N
12pF
B
16pF
D
20pF
F
Series resonant
S
Other values
specify
Oscillation mode:
Fundamental (8.0 ~ 200MHz)

F
3rd overtone (60.0 ~ 150MHz)
3
Static capacitance (C
0):
7pF max
Equivalent series resistance (max):
150Ω (8.0 ~ 9.9MHz)
80Ω (10.0 ~ 11.9MHz)
60Ω (12.0 ~ 15.9MHz)
40Ω (16.0 ~ 200MHz, fund)
80Ω (60.0 ~ 150MHz, 3rd OT)
Ageing:
±3ppm max first year
Test drive level:
10μW typ, 100μW max
Soldering condition:
260°C, 10sec x2 max
PHOTO NOT AVAILABLE


Podobny numer części - GSX-530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
GSX-531 GOLLEDGE-GSX-531 Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX-531 GOLLEDGE-GSX-531 Datasheet
595Kb / 6P
   5.0 x 3.2mm SM Crystal for Bluetooth
GSX-531111DF GOLLEDGE-GSX-531111DF Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX-531LP2JF GOLLEDGE-GSX-531LP2JF Datasheet
61Kb / 1P
   SM Crystal Metal Lid
GSX-531 GOLLEDGE-GSX-531_15 Datasheet
172Kb / 2P
   SM Crystal - Metal Lid
More results

Podobny opis - GSX-530

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Golledge Electronics Lt...
GSX2F GOLLEDGE-GSX2F Datasheet
57Kb / 1P
   SM Crystal High Frequency Fundamental
GSX-2 GOLLEDGE-GSX-2_18 Datasheet
561Kb / 4P
   High Frequency Miniature SM Crystal
GSX-250 GOLLEDGE-GSX-250 Datasheet
55Kb / 1P
   SM Crystal LOW FREQUENCY
CC4V-T1A GOLLEDGE-CC4V-T1A Datasheet
539Kb / 4P
   Low Frequency SM Crystal
CC5V-T1A GOLLEDGE-CC5V-T1A Datasheet
553Kb / 4P
   Low Frequency SM Crystal
GSX-455 GOLLEDGE-GSX-455 Datasheet
60Kb / 1P
   SM Crystal LOW FREQUENCY
GSX-250 GOLLEDGE-GSX-250_18 Datasheet
571Kb / 4P
   SM Crystal Low Frequency
GSX-328 GOLLEDGE-GSX-328 Datasheet
590Kb / 5P
   High Frequency Fundamental Mode Miniature SM Crystal
GSCX26 GOLLEDGE-GSCX26 Datasheet
54Kb / 1P
   SM Low Frequency Cylindrical Crystal
GSCX-26 GOLLEDGE-GSCX-26_16 Datasheet
121Kb / 1P
   SM Low Frequency Cylindrical Crystal
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com