Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LMZ34202RVQT Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części LMZ34202RVQT
Szczegółowy opis  SIMPLE SWITCHER 4.5-V to 42-V Input, 2-A Power Module
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LMZ34202RVQT Arkusz danych(HTML) 4 Page - Texas Instruments

  LMZ34202RVQT Datasheet HTML 1Page - Texas Instruments LMZ34202RVQT Datasheet HTML 2Page - Texas Instruments LMZ34202RVQT Datasheet HTML 3Page - Texas Instruments LMZ34202RVQT Datasheet HTML 4Page - Texas Instruments LMZ34202RVQT Datasheet HTML 5Page - Texas Instruments LMZ34202RVQT Datasheet HTML 6Page - Texas Instruments LMZ34202RVQT Datasheet HTML 7Page - Texas Instruments LMZ34202RVQT Datasheet HTML 8Page - Texas Instruments LMZ34202RVQT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 31 page
background image
4
LMZ34202
SNVSAJ2 – MARCH 2016
www.ti.com
Product Folder Links: LMZ34202
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
Pin Functions (continued)
PIN
TYPE (1)
DESCRIPTION
NAME
NO.
PWRGD_PU
21
I
An internal 100 k pull-up resistor is connected between this pin and the PWRGD pin. If use of this
internal pull-up resistor is desired, connect this pin to an appropriate voltage source that is less than
or equal to 12 V. If unused, leave this pin floating.
RT
9
I
This pin is connected to internal frequency setting circuitry which sets the default switching
frequency to 500 kHz. An external resistor can be connected from this pin to AGND to adjust the
switching frequency. Refer to application section in datasheet.
RTSEL
10
I
This pin can be used to adjust the switching frequency to 1 MHz without the need for an external
resistor. Connect this pin to AGND to adjust the frequency to 1 MHz. Otherwise, leave this pin
floating.
SENSE+
22
I
Remote sense connection. This pin must be connected to VOUT at the load or at the device pins.
Connect the pin to VOUT at the load for improved regulation.
SS/TR
25
I
soft-start and tracking pin. Connecting an external capacitor to this pin adjusts the output voltage
soft-start ramp above its 4.1 ms default setting. A voltage applied to this pin allows for tracking and
sequencing control.
VADJ
24
I
Connecting a resistor between this pin and AGND adjusts the output voltage.
VBSEL
7
I
Selectable internal bias supply. For output voltages
≥ 4.5 V, connect this pin to VOUT. For output
voltages < 4.5 V, connect this pin to AGND.
VERSA-
COMP
23
I
Connects to internal compensation network. This pin can be left floating or connected to the VADJ
pin to select the proper compensation depending on the output voltage.
VOUT
13, 14, 15,
16, 17, 18,
43
O
Output voltage. These pins are connected to the internal output inductor. Connect these pins to the
output load and connect external bypass capacitors between these pins and PGND close to the
device.


Podobny numer części - LMZ34202RVQT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ34002 TI1-LMZ34002 Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
LMZ34002 TI1-LMZ34002 Datasheet
807Kb / 30P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER Power Module with 4.5V-40V Input
LMZ34002 TI1-LMZ34002 Datasheet
348Kb / 14P
[Old version datasheet]   Using the LMZ34002: Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002EVM-001 TI-LMZ34002EVM-001 Datasheet
347Kb / 13P
[Old version datasheet]   Negative Output Voltage Simple Switcher짰 Power Module Evaluation Module
LMZ34002RKGR TI1-LMZ34002RKGR Datasheet
857Kb / 31P
[Old version datasheet]   2A, Negative Output, SIMPLE SWITCHER짰 Power Module with 4.5V-40V Input in QFN Package
More results

Podobny opis - LMZ34202RVQT

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LMZ36002 TI-LMZ36002_15 Datasheet
1Mb / 33P
[Old version datasheet]   SIMPLE SWITCHER 4.5-V to 60-V Input, 2-A Power Module
LMZ36002 TI-LMZ36002_15 Datasheet
671Kb / 29P
[Old version datasheet]   SIMPLE SWITCHER짰 4.5-V to 60-V Input, 2-A Power Module in QFN Package
LMZ36002 TI1-LMZ36002_16 Datasheet
861Kb / 36P
[Old version datasheet]   SIMPLE SWITCHER 4.5V to 60V Input, 2-A Power Module
TPSM846C24 TI1-TPSM846C24 Datasheet
977Kb / 36P
[Old version datasheet]   4.5-V to 15-V Input, 0.5-V to 2-V Output, 35-A Power Module
LM22680 TI-LM22680_15 Datasheet
1Mb / 27P
[Old version datasheet]   42 V, 2 A SIMPLE SWITCHER Step-Down Voltage Regulator With Features
TPS54541 TI1-TPS54541_16 Datasheet
2Mb / 52P
[Old version datasheet]   4.5-V to 42-V Input, 5-A Step-Down DC-DC Converter
TPSM84209 TI1-TPSM84209 Datasheet
660Kb / 30P
[Old version datasheet]   4.5-V to 28-V Input, 1.2-V to 6-V Output, 2.5-A Power Module
TPSM84624 TI1-TPSM84624 Datasheet
999Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 6-A Power Module
TPSM84424 TI1-TPSM84424 Datasheet
1,000Kb / 33P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 4-A Power Module
TPSM84824 TI1-TPSM84824 Datasheet
811Kb / 31P
[Old version datasheet]   4.5-V to 17-V Input, 0.6-V to 10-V Output, 8-A Power Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com