Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM-153 Arkusz danych(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Numer części AM-153
Szczegółowy opis  Low Noise Amplifier, 12 dB Gain
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-153 Arkusz danych(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AM-153_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-153_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-153_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Noise Amplifier, 12 dB Gain,
300 - 1800 MHz
Rev. V3
AM-153
1
1
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
https://www.macom.com/support
1
Features
 1.9 dB Typical Midband Noise Figure
 +7.5 dBm Typical Midband Output Power
 +19 dBm Typical Midband Third Order Intercept
Description
M/A-COM’s AM-153 is a coupler feedback amplifier
with low noise figure. The use of coupler feedback
minimizes noise figure and current in a high intercept
amplifier. This amplifier is packaged in a TO-8
package. This unique design features low noise
figure over a wide bandwidth. AM-153 is ideally
suited for use where a low noise, wideband, high
reliability amplifier is required.
TO-8-1
Parameter
Absolute Maximum
Max. Input Power
+10 dBm
Vbias
+15.75 V
Operating Temperature
-55°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings 1
1. Operation of this device above any one of these parameters
may cause permanent damage.
Electrical Specifications: 2
TA = -55°C to +85°C Case Temperature
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Frequency
Gain
@+25oC
dB
11.9
12.4
12.9
600 MHz
Frequency Response
dB
±1.2
300 - 1800 MHz
Gain Variation with
Temperature
dB
+0.5, -0.7
300 - 1800 MHz
1 dB Compression
Output Power
dBm
+6
300 - 1800 MHz
Noise Figure
dB
dB
3.0
3.5
300 - 1800 MHz
1500 - 1800 MHz
Reverse Transmission
dB
-14
-12
300 - 1800 MHz
VSWR Input
Ratio
Ratio
2.5:1
3.3:1
300 - 1800 MHz
1500 - 1800 MHz
VSWR Output
300 - 400 MHz
400 - 1500 MHz
1500 - 1800 MHz
Ratio
Ratio
Ratio
3.5:1
3.0:1
2.5:1
Output IP2
Two-Tone inputs up to –5 dBm
dBm
+22
300 - 1800 MHz
Output IP3
Two-Tone inputs up to –5 dBm
dBm
dBm
+17
+15
300 - 1000 MHz
1000 - 1800 MHz
Vbias
VDC
+14.5
+15.0
+15.5
Ibias
Vbias = +15.0 VDC
mA
13
15
Power Dissipation
@ +15 V Bias
mW
200


Podobny numer części - AM-153_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Tyco Electronics
AM-153PIN MACOM-AM-153PIN Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-153PIN MA-COM-AM-153PIN Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
More results

Podobny opis - AM-153_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain
AM-153 MA-COM-AM-153 Datasheet
64Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
Tyco Electronics
AM-AMC-142 MACOM-AM-AMC-142 Datasheet
221Kb / 3P
   Low Noise Amplifier, 12 dB Gain, 200 - 1000 MHz
AM-153 MACOM-AM-153 Datasheet
216Kb / 2P
   Low Noise Amplifier, 12 dB Gain, 300 - 1800 MHz
logo
M/A-COM Technology Solu...
AM-160 MA-COM-AM-160_15 Datasheet
455Kb / 4P
   Low Noise Amplifier, 28 dB Gain
AM-143-AMC-143 MA-COM-AM-143-AMC-143 Datasheet
85Kb / 3P
   Low Noise Amplifier, 16 dB Gain
AM-AMC-AMS-162 MA-COM-AM-AMC-AMS-162 Datasheet
95Kb / 3P
   Low Noise Amplifier, 12.5 dB Gain,
logo
Tyco Electronics
AM-160 MACOM-AM-160_1 Datasheet
214Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
logo
M/A-COM Technology Solu...
AMS-162 MA-COM-AMS-162_15 Datasheet
624Kb / 4P
   Low Noise Amplifier, 12.5 dB Gain, 10 - 100 MHz
logo
Tyco Electronics
AM-160 MACOM-AM-160 Datasheet
219Kb / 3P
   Low Noise Amplifier, 28 dB Gain, 100 - 600 MHz
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com