Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02046-15 Arkusz danych(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Numer części M02046-15
Szczegółowy opis  3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02046-15 Arkusz danych(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

Back Button M02046-15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02046-15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
M02046-15
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
6
3.3/5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
Rev V4
1.4
AC Characteristics
VCC = +3.3V ± 7.5% or +5V ± 7.5%, TA = -40°C to +85°C, input bit rate = 1.25 Gbps 2
23-1 PRBS unless
otherwise noted. Typical specifications are for VCC = 3.3V, TA = 25°C, unless otherwise noted.
Table 1-4.
AC Characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VIN(MIN)
Differential Input Sensitivity
1.25 Gbps, BER < 10-12
–2.8
5
mV
VI(MAX)
Input Overload
BER < 10-12, differential input 1.25 Gbps
1200
mV
BER < 10-12, single-ended input, 1.25 Gbps
600
mV
vn
RMS Input Referred Noise
200
μVRMS
VLOS
LOS Programmable Range
Differential inputs
5
55
mV
HYS
Signal Detect/LOS Hysteresis
(electrical); across LOS programmable range
2
3.5
5.5
dB
BWLF
Small-Signal –3dB Low Frequency
Cutoff
Excluding AC coupling capacitors
25
kHz
DJ
Deterministic Jitter (includes DCD)
K28.5 pattern at 1.25 Gbps, 10 mVPP input
18
70
ps
RJ
Random Jitter
10 mVPP input
5
psRMS
tr / tf
Data Output Rise and Fall Times
20% to 80%; outputs terminated into 50
Ω;
10 mVPP input
150
230
ps
TLOS_ON
Time from LOS state until LOS output
is asserted
LOS assert time after 1 VPP input signal is turned off;
signal detect level set to 10 mV
2.3
80
μs
TLOS_OFF
Time from non-LOS state until LOS is
deasserted
LOS deassert time after input crosses signal detect
level; signal detect set to 10 mV with applied input
signal of 20 mVPP
2.3
80
μs


Podobny numer części - M02046-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02040-15EVM MA-COM-M02040-15EVM Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02044CG-31EVM MA-COM-M02044CG-31EVM Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
More results

Podobny opis - M02046-15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02050-15 MA-COM-M02050-15 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PARGTTG4 TI-ONET3301PARGTTG4 Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
ONET3301PA TI-ONET3301PA Datasheet
253Kb / 12P
[Old version datasheet]   155-MBPS TO 3.3-GBPS LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com