Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

GSW-4876 Arkusz danych(PDF) 2 Page - Level One

Numer części GSW-4876
Szczegółowy opis  50-Port Web Smart Gigabit Ethernet Switch, 2 x SFP
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  LVL1 [Level One]
Strona internetowa  http://www.level1.com/
Logo LVL1 - Level One

GSW-4876 Arkusz danych(HTML) 2 Page - Level One

  GSW-4876_16 Datasheet HTML 1Page - Level One GSW-4876_16 Datasheet HTML 2Page - Level One GSW-4876_16 Datasheet HTML 3Page - Level One GSW-4876_16 Datasheet HTML 4Page - Level One GSW-4876_16 Datasheet HTML 5Page - Level One  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Highlight
Cost-effective Solutions for IPv6 Deployment
Featuring the most comprehensive set of IPv6 migration technologies, including stateless auto
configuration which simplifies IP address assignment by creating a plug-and-play environment in the
absence of a DHCP server and the implementation of dual IP stack that allows not only for running both
IPv4 and IPv6 applications in parallel but also for facilitating gradual transition between these applications.
Related Product
GVT-0302
1.25G SMF SFP Transceiver, 80 km, 1550nm
Specifications
System Specifications
Standards & Protocols:
IEEE 802.3 10-BASE-T, Ethernet
IEEE 802.3u 100-BASE-TX, Fast Ethernet
IEEE 802.3ab 1000BASE-T, Gigabit Ethernet
IEEE 802.1p Quality of Service (QoS)
IEEE 802.1X Port-based Network Access Control (PNAC)
IEEE 802.1Q Virtual LANs (VLANs)
IEEE 802.1D MAC Bridges
IEEE 802.1d Standard Spanning Tree Protocol (STP)
IEEE 802.1w Rapid Spanning Tree Protocol (RSTP)
IEEE 802.1s Multiple Spanning Tree (MSTP)
IEEE 802.3ad Link Aggregation Control Protocol (LACP)
IEEE 802.1ab Link Layer Discovery Protocol (LLDP)
IEEE 802.3x Flow Control (full-duplex flow control)
Universal Plug and Play (UPnP)
Memory:
16MB
Buffer Memory:
512KB
Connectors and Cabling:
48 x RJ-45 10/100/1000BASE-T ports
2 x 100/1000Base-X SFP Slots (shared)
Indicator:
Power, Link/Port Activity
Transmission Method:
Store-and-Forward
Power:
Power consumption: 50 Watts for System Power
Voltage: 100-240V AC, 50-60 Hz, 2A, Internal Power Supply
Features
General:
Quality of Service (QoS)
8 hardware queues per port
Traffic classification based on IEEE 802.1p CoS, DSCP,
Supports WRR, Strict scheduling, or hybrid mode
Rate Limiting
- Ingress: Resolution 16 Kbps
- Egress: Resolution 16 Kbps
www.level1.com
Page 2 of 5


Podobny numer części - GSW-4876_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
GSW-4876 LVL1-GSW-4876 Datasheet
485Kb / 6P
   48 Gigabit Ethernet ports and 2 Gigabit SFP slots MLD, Telnet, SNMP V1, V2c & V3, RMON, Web Browser, and TFTP Management
More results

Podobny opis - GSW-4876_16

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Level One
GES-1651 LVL1-GES-1651_16 Datasheet
387Kb / 4P
   16-Port Web Smart Gigabit Ethernet Switch, 2 x SFP/RJ45 Combo
GEL-2461 LVL1-GEL-2461 Datasheet
200Kb / 4P
   24-Port Web Smart Gigabit Switch, 16 x SFP
GES-2451 LVL1-GES-2451 Datasheet
392Kb / 4P
   24-Port Web Smart Gigabit Switch, 4 x SFP/RJ45 Combo
GEU-2429 LVL1-GEU-2429 Datasheet
345Kb / 3P
   26-Port Gigabit Ethernet Switch, 2 x SFP
GEP-2650 LVL1-GEP-2650 Datasheet
94Kb / 3P
   26-Port Web Smart Gigabit PoE Switch, 802.3at PoEplus, 24 PoE Outputs, 370W, 2 x SFP
GEL-2670 LVL1-GEL-2670 Datasheet
421Kb / 5P
   26-Port L2 Managed Gigabit Ethernet Switch, 2 x SFP
logo
Advantech Co., Ltd.
EKI-5729FI-AE ADVANTECH-EKI-5729FI-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView Switch
EKI-5726FI-AE ADVANTECH-EKI-5726FI-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
EKI-5729F-AE ADVANTECH-EKI-5729F-AE Datasheet
392Kb / 2P
   8-Port2 SFP Gigabit Ethernet ProView switch
EKI-5726F-AE ADVANTECH-EKI-5726F-AE Datasheet
495Kb / 2P
   16-port2 SFP Gigabit Ethernet ProView Switch
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com