Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02014 Arkusz danych(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Numer części M02014
Szczegółowy opis  CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02014 Arkusz danych(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02014 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02014 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
02014-DSH-001-D
Mindspeed Technologies
®
6
Mindspeed Proprietary and Confidential
2.0 Pin Definitions
Table 2-1.
Pad Description
Die Pad No
Name
Function
1
AGC
Monitor or force AGC voltage
2VCC
Power pin. Connect to most positive supply. (only one VCC pad needs to be connected)
3
PINK
Common PIN input. Connect a 470 pF capacitor to Gnd when using this pad to bias the photodiode cathode (1)
4
PINA
Active PIN input. Connect to photo diode anode
5VCC
Power pin. Connect to most positive supply (only one VCC pad needs to be connected)
6
MON
Analog current source output. Current matched to average photodiode current.
Intended for photo-alignment use only
7
DOUT
Differential data output (goes low as light increases)
8DOUTGND
Ground return for DOUT pad (2)
9
GND
Ground pin. Connect to the most negative supply (2)
10
GND
Ground pin. Connect to the most negative supply (2)
11
DOUTGND
Ground return for DOUT pad (2)
12
DOUT
Differential data output (goes high as light increases)
NA
Backside
Backside. Connect to the lowest potential, usually ground
NOTES:
1.
Alternatively the photodiode cathode may be connected to a decoupled positive supply, e.g. VCC.
2.
All ground pads are common on the die. Only one ground pad needs to be connected to the TO-Can ground. However, connecting more than one
ground pad to the TO-Can ground, particularly those across the die from each other can improve performance in noisy environments.
Figure 2-1.
Bare Die Layout
MON
PINA
PINK
V
CC
AGC
DOUT
GND
GND
DOUTGND
1
2
3
4
56
7
8
9
10
11
12
V
CC
DOUT
DOUTGND


Podobny numer części - M02014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02015 MA-COM-M02015 Datasheet
354Kb / 29P
   Low Power CMOS Transimpedance Amplifier with Rx Pwr Mon Output and AGC for Fiber
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
More results

Podobny opis - M02014

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02013 MA-COM-M02013_15 Datasheet
333Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
M02024-BRF-001-A MA-COM-M02024-BRF-001-A Datasheet
83Kb / 2P
   2.5 Gbps High Sensitivity Transimpedance Amplifier with AGC
logo
Texas Instruments
ONET2591TA TI-ONET2591TA Datasheet
949Kb / 15P
[Old version datasheet]   2.5-Gbps Transimpedance Amplifier With AGC and RSSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com