Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25066 Arkusz danych(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25066
Szczegółowy opis  System Power Management and Protection IC With PMBus
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25066 Arkusz danych(HTML) 3 Page - Texas Instruments

  LM25066 Datasheet HTML 1Page - Texas Instruments LM25066 Datasheet HTML 2Page - Texas Instruments LM25066 Datasheet HTML 3Page - Texas Instruments LM25066 Datasheet HTML 4Page - Texas Instruments LM25066 Datasheet HTML 5Page - Texas Instruments LM25066 Datasheet HTML 6Page - Texas Instruments LM25066 Datasheet HTML 7Page - Texas Instruments LM25066 Datasheet HTML 8Page - Texas Instruments LM25066 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 63 page
background image
5x4 mm WQFN 24L
1
24
OUT
PGD
TIMER
VAUX
SCL
SMBA
VREF
DIODE
PWR
RETRY
Exposed
Pad
LM25066
www.ti.com
SNVS654J – FEBRUARY 2010 – REVISED DECEMBER 2015
5 Description (continued)
The LM25066 monitoring block computes both the real-time and average values of subsystem operating
parameters (VIN, IIN, PIN, VOUT) as well as the peak power. Accurate power averaging is accomplished by
averaging the product of the input voltage and current. A black box (Telemetry/Fault Snapshot) function captures
and stores telemetry data and device status in the event of a warning or a fault.
6 Pin Configuration and Functions
NHZ Package
24-Pin WQFN
Top View
NOTE: Solder exposed pad to ground.
Pin Functions
PIN
TYPE
DESCRIPTION
NO.
NAME
3 - state address line. Should be left floating, or else direct connection (either trace or 0-
Ω
1
ADR2
SMBUS address line 2
resistor) to VDD or GND.
3 - state address line. Should be left floating, or else direct connection (either trace or 0-
Ω
2
ADR1
SMBUS address line 1
resistor) to VDD or GND.
3 - state address line. Should be left floating, or else direct connection (either trace or 0-
Ω
3
ADR0
SMBUS address line 0
resistor) to VDD or GND.
Internal sub-regulator
Internally sub-regulated 4.5 V bias supply. Connect a 1 µF capacitor on this pin to ground
4
VDD
output
for bypassing.
Connect this pin to GND to set the nominal overcurrent threshold at 25 mV. Connecting
5
CL
Current limit range
CL to VDD will set the overcurrent threshold to be 46 mV.
This pin sets the circuit breaker protection point in relation to the overcurrent trip point.
When connected to GND, this pin will set the circuit breaker point to be 1.8 times the
6
CB
Circuit breaker range
overcurrent threshold. Connecting this pin to VDD sets the circuit breaker trip point to be
3.6 times the overcurrent threshold.
An external resistor divider from OUT sets the output voltage at which the PGD pin
7
FB
POWER GOOD feedback
switches. The threshold at the pin is 1.167 V. An internal 24 µA current source provides
hysteresis.
This pin configures the power up fault retry behavior. When this pin is grounded, the
8
RETRY
Fault retry input
device will continually try to engage power during a fault. If the pin is connected to VDD,
the device will latch off during a fault.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM25066


Podobny numer części - LM25066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM25066 NSC-LM25066 Datasheet
5Mb / 18P
   Evaluation Board Insertion delay: 147 ms (typical)
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066A TI1-LM25066A Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM25066APSQ TI1-LM25066APSQ Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM25066APSQ/NOPB TI1-LM25066APSQ/NOPB Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
More results

Podobny opis - LM25066

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM25066A TI1-LM25066A Datasheet
1Mb / 49P
[Old version datasheet]   System Power Management and Protection IC with PMBus?
LM5064 TI1-LM5064 Datasheet
1Mb / 51P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066 Datasheet
1Mb / 50P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066 TI1-LM5066_14 Datasheet
1Mb / 64P
[Old version datasheet]   High Voltage System Power Management and Protection IC with PMBus
LM5066PMHE TI-LM5066PMHE Datasheet
1Mb / 63P
[Old version datasheet]   LM5066 High Voltage System Power Management and Protection IC with PMBus
LM25066I TI1-LM25066I Datasheet
1Mb / 60P
[Old version datasheet]   Intel Node Manager Compliant System Power Management and Protection IC with PMBus
LM25066A TI1-LM25066A_15 Datasheet
1Mb / 58P
[Old version datasheet]   System Power Management and Protection IC
LM5064 TI1-LM5064_16 Datasheet
1Mb / 62P
[Old version datasheet]   Negative Voltage System Power Management and Protection IC
LM25056A TI1-LM25056A Datasheet
624Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
LM25056 TI1-LM25056 Datasheet
623Kb / 33P
[Old version datasheet]   System Power Measurement IC with PMBus?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com