Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC2007-3 Arkusz danych(PDF) 11 Page - M/A-COM Technology Solutions, Inc.

Numer części MC2007-3
Szczegółowy opis  3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MC2007-3 Arkusz danych(HTML) 11 Page - M/A-COM Technology Solutions, Inc.

Back Button MC2007-3 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. MC2007-3 Datasheet HTML 15Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
02007-DSH-002-E
Mindspeed Technologies
®
9
Mindspeed Proprietary and Confidential
4.0 Applications Information
4.1
Filter Design
The achievable sensitivity of the MC2007-3 is dependant on the noise bandwidth of the amplifier, which varies with
temperature and process. The bandwidth should therefore be limited by an interstage filter for maximum
performance. This will typically be a one pole filter, using a capacitor across the outputs. For maximum sensitivity, a
filter with steeper roll-off and better transient response can be implemented with inductors and capacitors. If the
module is intended to be used at several rates, interstage filtering should not be employed. Typical application
circuit shown in Figure 4-1.
Figure 4-1.
Typical Applications Circuit
MC2045 or
M02095
Post amp
Gnd
+3.3V 10 nF
*470 pF
+3.3V
100 pF
CFILT
* The 470 pF capacitor should be mounted inside the TO can/optical sub assembly
with the MC2007-3 and the photodiode
D
IN
VCC
DOUT
10 nF
10 nF
PINA
PINK
VCC
Gnd
DOUT
DIN


Podobny numer części - MC2007-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
MC2007-3 ETC2-MC2007-3 Datasheet
301Kb / 18P
   Passive Optical Networks
More results

Podobny opis - MC2007-3

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02007-DSH-002-E MA-COM-02007-DSH-002-E Datasheet
301Kb / 18P
   3.3 V PIN Pre-Amplifier with AGC for Applications to 200 Mbps
M02009 MA-COM-M02009 Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02009-DSH-001-D MA-COM-02009-DSH-001-D Datasheet
302Kb / 19P
   Pin Pre-amplifier with AGC for 3.3V Fiber Optic Applications to 622 Mbps
02007-BRF-001-A MA-COM-02007-BRF-001-A Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
MC2007 MA-COM-MC2007 Datasheet
96Kb / 2P
   200 Mbps Pre-Amplifier
M02044CG-31 MA-COM-M02044CG-31 Datasheet
478Kb / 22P
   3.3/5V Limiting Amplifier for Applications from 100 Mbps to 622 Mbps
M02006 MA-COM-M02006 Datasheet
273Kb / 16P
   CMOS Pre-amplifier with AGC for Long-reach 155 Mbps Fiber-optics Based Transmitter
02006-DSH-001-B MA-COM-02006-DSH-001-B Datasheet
306Kb / 17P
   CMOS Pre-amplifier with AGC for Long-reach
logo
Sanyo Semicon Device
LA8160V SANYO-LA8160V_08 Datasheet
98Kb / 8P
   AGC Amplifier and Pre Amplifier
logo
M/A-COM Technology Solu...
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com