Zakładka z wyszukiwarką danych komponentów |
|
LM1117DT-ADJ Arkusz danych(PDF) 6 Page - Texas Instruments |
|
LM1117DT-ADJ Arkusz danych(HTML) 6 Page - Texas Instruments |
6 / 36 page LM1117 SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016 www.ti.com LM1117 Electrical Characteristics (continued) unless otherwise specified, TJ = 25°C. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT TJ = 25°C 1.1 IOUT = 100 mA V over the junction temperature range 1.2 0°C to 125°C TJ = 25°C 1.15 VIN – V Dropout Voltage(4) IOUT = 500 mA V over the junction temperature range OUT 1.25 0°C to 125°C TJ = 25°C 1.2 IOUT = 800 mA V over the junction temperature range 1.3 0°C to 125°C ILIMIT Current Limit VIN – VOUT = 5 V, TJ = 25°C 800 1200 1500 mA TJ = 25°C 1.7 Minimum Load LM1117-ADJ mA over the junction temperature range Current(5) VIN = 15 V 5 0°C to 125°C TJ = 25°C 5 LM1117-1.8 mA over the junction temperature range VIN ≤ 15 V 10 0°C to 125°C TJ = 25°C 5 LM1117-2.5 mA over the junction temperature range VIN ≤ 15 V 10 0°C to 125°C Quiescent Current TJ = 25°C 5 LM1117-3.3 mA over the junction temperature range VIN ≤ 15 V 10 0°C to 125°C TJ = 25°C 5 LM1117-5.0 mA over the junction temperature range VIN ≤ 15 V 10 0°C to 125°C Thermal Regulation TA = 25°C, 30-ms pulse 0.01 0.1 %/W TJ = 25°C 75 fRIPPLE = 1 20 Hz, VIN – VOUT = 3 Ripple Regulation dB over the junction temperature range V VRIPPLE = 1 VPP 60 0°C to 125°C TJ = 25°C 60 Adjust Pin Current μA over the junction temperature range 0°C to 125°C 120 TJ = 25°C 0.2 Adjust Pin Current 10 ≤ IOUT ≤ 80 0mA, µA over the junction temperature range Change 1.4 V ≤ VIN – VOUT ≤ 10 V 5 0°C to 125°C Temperature Stability 0.5% Long Term Stability TA = 125°C, 1000 Hrs 0.3% RMS Output Noise (% of VOUT), 10 Hz ≤ f ≤ 10 kHz 0.003% (4) The dropout voltage is the input/output differential at which the circuit ceases to regulate against further reduction in input voltage. It is measured when the output voltage has dropped 100 mV from the nominal value obtained at VIN = VOUT + 1.5 V. (5) The minimum output current required to maintain regulation. 6 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated Product Folder Links: LM1117 |
Podobny numer części - LM1117DT-ADJ |
|
Podobny opis - LM1117DT-ADJ |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |