Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM1117DTX-ADJ Arkusz danych(PDF) 11 Page - Texas Instruments

Numer części LM1117DTX-ADJ
Szczegółowy opis  800-mA Low-Dropout Linear Regulator
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM1117DTX-ADJ Arkusz danych(HTML) 11 Page - Texas Instruments

Back Button LM1117DTX-ADJ Datasheet HTML 7Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 8Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 9Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 10Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 11Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 12Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 13Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 14Page - Texas Instruments LM1117DTX-ADJ Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
LM1117
www.ti.com
SNOS412N – FEBRUARY 2000 – REVISED JANUARY 2016
7 Detailed Description
7.1 Overview
The LM1117 adjustable version develops a 1.25V reference voltage, VREF, between the output and the adjust
terminal. As shown in Figure 10, this voltage is applied across resistor R1 to generate a constant current I1. The
current IADJ from the adjust terminal could introduce error to the output. But since it is very small (60µA)
compared with the I1 and very constant with line and load changes, the error can be ignored. The constant
current I1 then flows through the output set resistor R2 and sets the output voltage to the desired level.
For fixed voltage devices, R1 and R2 are integrated inside the devices.
Figure 10. Basic Adjustable Regulator
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Load Regulation
The LM1117 regulates the voltage that appears between its output and ground pins, or between its output and
adjust pins. In some cases, line resistances can introduce errors to the voltage across the load. To obtain the
best load regulation, a few precautions are needed.
Copyright © 2000–2016, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM1117


Podobny numer części - LM1117DTX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM1117DTX-ADJ NSC-LM1117DTX-ADJ Datasheet
405Kb / 21P
   800mA Low-Dropout Linear Regulator
LM1117DTX-ADJ NSC-LM1117DTX-ADJ Datasheet
921Kb / 21P
   800mA Low-Dropout Linear Regulator
logo
Texas Instruments
LM1117DTX-ADJ TI1-LM1117DTX-ADJ Datasheet
458Kb / 25P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DTX-ADJ/NOPB TI1-LM1117DTX-ADJ/NOPB Datasheet
2Mb / 30P
[Old version datasheet]   800mA Low-Dropout Linear Regulator
LM1117DTX-ADJ/NOPB TI1-LM1117DTX-ADJ/NOPB Datasheet
2Mb / 32P
[Old version datasheet]   LM1117-N/LM1117I 800mA Low-Dropout Linear Regulator
More results

Podobny opis - LM1117DTX-ADJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Galaxy Semi-Conductor H...
BLA1117 BILIN-BLA1117 Datasheet
149Kb / 6P
   800 mA Low-Dropout Linear Regulator
logo
ON Semiconductor
LM1117 ONSEMI-LM1117 Datasheet
215Kb / 13P
   800 mA Low-Dropout Linear Regulator
May, 2020 ??Rev. 0
logo
Toshiba Semiconductor
TCR8BM TOSHIBA-TCR8BM Datasheet
1Mb / 15P
   800 mA CMOS Ultra Low Dropout Regulator
2022-09-02 Rev.4.0
logo
Microchip Technology
TC2117-33VDBTR MICROCHIP-TC2117-33VDBTR Datasheet
767Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
10/19/06
TC2117 MICROCHIP-TC2117_06 Datasheet
821Kb / 18P
   800 mA Fixed Low Dropout Positive Regulator
2006
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
Texas Instruments
TPS799L TI1-TPS799L Datasheet
603Kb / 14P
[Old version datasheet]   200-mA, Low-Dropout Linear Regulator
TPS74701 TI1-TPS74701_15 Datasheet
1Mb / 30P
[Old version datasheet]   500-mA Low-Dropout Linear Regulator
logo
ON Semiconductor
NCV4264 ONSEMI-NCV4264 Datasheet
115Kb / 8P
   150 mA Low Dropout Linear Regulator
December, 2006 ??Rev. P0
logo
Analog Devices
ADP3303 AD-ADP3303_15 Datasheet
271Kb / 16P
   200 mA Low Dropout Linear Regulator
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com