Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UC1875-SP Arkusz danych(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Numer części UC1875-SP
Szczegółowy opis  Rad-Tolerant Class-V, Phase Shift Resonant Controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

UC1875-SP Arkusz danych(HTML) 1 Page - Texas Instruments

  UC1875-SP Datasheet HTML 1Page - Texas Instruments UC1875-SP Datasheet HTML 2Page - Texas Instruments UC1875-SP Datasheet HTML 3Page - Texas Instruments UC1875-SP Datasheet HTML 4Page - Texas Instruments UC1875-SP Datasheet HTML 5Page - Texas Instruments UC1875-SP Datasheet HTML 6Page - Texas Instruments UC1875-SP Datasheet HTML 7Page - Texas Instruments UC1875-SP Datasheet HTML 8Page - Texas Instruments UC1875-SP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
UC1875-SP
SLUSAQ9B – DECEMBER 2011 – REVISED DECEMBER 2015
UC1875-SP Rad-Tolerant Class-V, Phase Shift Resonant Controller
1 Features
3 Description
The UC1875-SP implements control of a bridge
1
QML-V Qualified, SMD 5962-94555
power stage by phase-shifting the switching of one
Rad-Tolerant: 50 kRad (Si) TID (1)
half-bridge
with
respect
to
the
other,
allowing
Zero to 100% Duty Cycle Control
constant
frequency
pulse-width
modulation
in
combination with resonant, zero-voltage switching for
Programmable Output Turn-On Delay
high efficiency performance at high frequencies. This
Compatible with Voltage or Current Mode
circuit may be configured to provide control in either
Topologies
voltage or current mode operation, with a separate
Practical Operation at Switching Frequencies to
overcurrent shutdown for fast fault protection.
1 MHz
A programmable time delay is provided to insert a
Four 2-A Totem Pole Outputs
dead-time at the turn-on of each output stage. This
delay, providing time to allow the resonant switching
10-MHz Error Amplifier
action, is independently controllable for each output
Undervoltage Lockout (UVLO)
pair (A-B, C-D).
Low Startup Current – 150 µA
With the oscillator capable of operation at frequencies
Outputs Active Low During UVLO
in excess of 2 MHz, overall switching frequencies to
Soft-Start Control
1 MHz are practical. In addition to the standard free
Latched Overcurrent Comparator With Full Cycle
running mode, with the CLOCKSYNC pin, the user
may configure these devices to accept an external
Restart
clock synchronization signal, or may lock together up
Trimmed Reference
to 5 units with the operational frequency determined
by the fastest device.
2 Applications
Power FPGAs
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LCCC (28)
11.43 mm × 11.43 mm
UC1875-SP
CDIP (20)
24.20 mm × 6.92 mm
CFP (24)
14.36 mm × 9.09 mm
(1)
Radiation tolerance is a typical value based upon initial device
qualification with a dose rate = 10 mrad/sec and applies to the
(1) For all available packages, see the orderable addendum at
5962-9455502 devices. Radiation lot acceptance testing is
the end of the data sheet.
available – contact factory for details.
Block Diagram
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Podobny numer części - UC1875-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
More results

Podobny opis - UC1875-SP

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
UC1875-SP TI1-UC1875-SP Datasheet
548Kb / 20P
[Old version datasheet]   RAD-TOLERANT CLASS-V, PHASE SHIFT RESONANT CONTROLLER
UC2879DW TI1-UC2879DW Datasheet
459Kb / 15P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC2875-EP TI1-UC2875-EP Datasheet
572Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1875 TI-UC1875 Datasheet
743Kb / 19P
[Old version datasheet]   Phase Shift Resonant Controller
UC1879 TI-UC1879 Datasheet
346Kb / 7P
[Old version datasheet]   Phase Shift Resonant Controller
UC19432-SP TI-UC19432-SP_15 Datasheet
755Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC19432-SP TI1-UC19432-SP Datasheet
770Kb / 8P
[Old version datasheet]   Rad-Tolerant Class-V, Precision Analog Controller
UC2875-EP TI-UC2875-EP_15 Datasheet
552Kb / 18P
[Old version datasheet]   PHASE SHIFT RESONANT CONTROLLER
UC1846-SP TI1-UC1846-SP Datasheet
631Kb / 15P
[Old version datasheet]   RAD-TOLERANT CLASS-V, CURRENT-MODE PWM CONTROLLER
UC1625-SP TI1-UC1625-SP Datasheet
304Kb / 21P
[Old version datasheet]   RAD-TOLERANT CLASS V, BRUSHLESS DC MOTOR CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com