Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02013 Arkusz danych(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Numer części M02013
Szczegółowy opis  CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02013 Arkusz danych(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

Back Button M02013_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02013_15 Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
M/A-COM Technology Solutions Inc. (MACOM) and its affiliates reserve the right to make changes to the product(s) or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
For further information and support please visit:
http://www.macom.com/support
M02013
9
CMOS Transimpedance Amplifier with AGC
for Fiber-optic Networks up to 3.2 Gbps
Rev V8
2.0 Pin/Pad Definitions
2.1
Pin/Pad Definitions
Table 2-1.
Pin/Pad Definitions
Die Pad No
Name
Function
1
AGC
Monitor or force AGC voltage
2VCC
Power pin. Connect to most positive supply
3
PINK
Common PIN input. Connect photo diode cathode here and a 470 pF capacitor to Gnd (1)
4
PINA
Active PIN input. Connect to photo diode anode
5VCC
Power pin. Connect to most positive supply (only one VCC pad needs to be connected)
6
MON
Analog current sink output. Current matched to average photodiode current
7DOUT
Differential data output (goes low as light increases)
8DOUTGND
Ground return for DOUT pad (all GND pads must be connected)
9
GND
Ground pin. Connect to the most negative supply (2)
10
GND
Ground pin. Connect to the most negative supply (2)
11
DOUTGND
Ground return for DOUT pad (2)
12
DOUT
Differential data output (goes high as light increases)
NA
Backside
Backside. Connect to the lowest potential, usually ground
NOTES:
1.
Alternatively the photodiode cathode may be connected to a decoupled positive supply, e.g. VCC.
2.
All ground pads are common on the die. Only one ground pad needs to be connected to the TO-Can ground. However, connecting more than one ground
pad to the TO-Can ground, particularly those across the die from each other can improve performance in noisy environments.


Podobny numer części - M02013_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
More results

Podobny opis - M02013_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02013-DSH-001-G MA-COM-02013-DSH-001-G Datasheet
288Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber-optic Networks up to 3.2 Gbps
M02016 MA-COM-M02016 Datasheet
360Kb / 20P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02014 MA-COM-M02014 Datasheet
343Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 2.5 Gbps
02016-DSH-001-G MA-COM-02016-DSH-001-G Datasheet
323Kb / 19P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 1.25 Gbps
M02011 MA-COM-M02011 Datasheet
286Kb / 22P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02011-DSH-001-C MA-COM-02011-DSH-001-C Datasheet
306Kb / 21P
   CMOS Transimpedance Amplifier with AGC for Fiber Optic Networks up to 622 Mbps
02013-BRF-001-A MA-COM-02013-BRF-001-A Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
M02013 MA-COM-M02013 Datasheet
151Kb / 2P
   3.2 Gbps Transimpedance Amplifier with AGC
02014-BRF-001-A MA-COM-02014-BRF-001-A Datasheet
115Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
02015-BRF-001-A MA-COM-02015-BRF-001-A Datasheet
116Kb / 2P
   2.5 Gbps Transimpedance Amplifier with AGC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com