Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02050-15EVM Arkusz danych(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Numer części M02050-15EVM
Szczegółowy opis  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15EVM Arkusz danych(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

Back Button M02050-15EVM Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
02050-DSH-002-F
Mindspeed Technologies™
6
Mindspeed Proprietary and Confidential
2.0 Pin Definitions
Table 2-1.
Pin Descriptions
QFN Pin#
Name
Function
1
GND
Ground.
2VCC
Power supply. Connect to either +5V or +3.3V.
3
PECLN
Inverting PECL data output.
4
PECLP
Non-inverting PECL data output.
5IREF
Internal LOS reference current. Must be connected to ground through a 12.1 k
Ω 1% resistor.
6STSET
Loss of signal threshold setting input. Connect a 1% resistor between this pin and VCC3 to set loss of signal
threshold.
7VCC3
Power supply input for 3.3V applications or the output of the internally regulated 3.3V voltage when VCC = 5V.
Connect directly to supply for 3.3V applications (internal regulator not in use). Do not connect to power
supply if VCC = 5V.
8RATESEL
Rate select. When low or floating, the device is in low-rate mode (data rates
≤ 1.25 Gbps) and has reduced
bandwidth. When high, the device is in full-rate mode with full bandwidth. Internal 80 k
Ω resistor to ground.
Drive with a current limited source as described in Section 4.1.4.
9
DINP
Non-inverting data input. Internally terminated with 50
Ω to V
TT (see Figure 3-2).
10
DINN
Inverting data input. Internally terminated with 50
Ω to V
TT (see Figure 3-2).
11
GND
Ground.
12
RxAVGIN
Average power monitor input. Connect to monitor output of TIAs that produce a current (sink) mirror replica
of the photodiode current. Leave floating if not used.
13
JAM
Output disable. When high, data outputs are disabled (with non-inverting output held high and inverting
output held low). Connect to LOS output to disable outputs with loss of signal. Outputs are enabled when
JAM is low or floating. Internal 150 k
Ω resistor to ground.
14
LOS
Loss of signal output. Goes high when input signal falls below threshold set by STSET. Open collector TTL with
internal 80 k
Ω pull-up resistor to V
CC.
15
RSSIAVG
Receiver average input power monitor. Provides a current source mirror of the current at RxAVGIN. Connect a
resistor to ground to set the full scale voltage to the desired level at maximum average input power.
16
RSSIPP
Receiver peak-to-peak input voltage monitor. Provides a DC voltage (ground referenced) proportional to the
peak-to-peak input voltage swing.
17
Center Pad
Ground to PCB for thermal dissipation.


Podobny numer części - M02050-15EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

Podobny opis - M02050-15EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com