Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02050-15EVM Arkusz danych(PDF) 10 Page - M/A-COM Technology Solutions, Inc.

Numer części M02050-15EVM
Szczegółowy opis  3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02050-15EVM Arkusz danych(HTML) 10 Page - M/A-COM Technology Solutions, Inc.

Back Button M02050-15EVM Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 12Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 13Page - M/A-COM Technology Solutions, Inc. M02050-15EVM Datasheet HTML 14Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
02050-DSH-002-F
Mindspeed Technologies™
8
Mindspeed Proprietary and Confidential
3.0 Functional Description
3.1
Overview
The M02050-15 is an integrated high-gain limiting amplifier. The M2050 features PECL outputs and is intended for
use in applications to 2.5 Gbps. Full output swing is achieved even at minimum input sensitivity. The M02050-15
can operate with a 3.3V or 5V supply.
Rate select is supported for SFP applications and/or to achieve optimum sensitivity at data rates
≤ 1.25 Gbps.
When rate select is high, optimum sensitivity is achieved at 2.5 Gbps.
The M02050-15 also includes two analog RSSI outputs proportional to either the average or peak to peak input sig-
nal and a programmable signal-level detector allowing the user to set thresholds at which the logic outputs are
enabled.
Figure 3-1.
Block Diagram Example
Level
Detect
Limiting
Amplifier
Comparator
Level
Shift
RSSI
PP
RATESEL
LOS
DINN
RxAVGIN
RSSI
AVG
DINP
PECLN
PECLP
Offset cancel
Output
Buffer
Threshold
Setting
Circuit
Regulator
VCC
STSET
VCC3
Biasing
I
REF
Jam
V
TT


Podobny numer części - M02050-15EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
M02050-15EVM ETC2-M02050-15EVM Datasheet
740Kb / 28P
   On-chip DC offset cancellation circuit
More results

Podobny opis - M02050-15EVM

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02050-DSH-002-F MA-COM-02050-DSH-002-F Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
M02050 MA-COM-M02050_17 Datasheet
740Kb / 28P
   3.3/5V Limiting Amplifier for Applications to 2.5 Gbps
02046-DSH-003-F MA-COM-02046-DSH-003-F Datasheet
470Kb / 23P
   3.3/5V Limiting Amplifier for Applications to 1.25 Gbps
M02040-15 MA-COM-M02040-15 Datasheet
611Kb / 31P
   3.3 5V Limiting Amplifier for Applications to 2.125 Gbps
02040-DSH-002-H MA-COM-02040-DSH-002-H Datasheet
672Kb / 27P
   3.3/5V Limiting Amplifier for Applications to 2.125 Gbps
M02050 MA-COM-M02050 Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
02050-BRF-001-A MA-COM-02050-BRF-001-A Datasheet
110Kb / 2P
   Limiting Amplifier for Applications up to 2.5 Gbps
M02046-15 MA-COM-M02046-15 Datasheet
467Kb / 27P
   3.3 5V Limiting Amplifier for Applications from 100 Mbps to 1.25 Gbps
M02140 MA-COM-M02140 Datasheet
506Kb / 2P
   Low Power 3.3 Volt Limiting Amplifier for Applications up to 12.5 Gbps
logo
Texas Instruments
ONET3301PARGTT TI-ONET3301PARGTT Datasheet
914Kb / 18P
[Old version datasheet]   155-Mbps To 3.3-Gbps LIMITING AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com