Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02061-21 Arkusz danych(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Numer części M02061-21
Szczegółowy opis  3.3 or 5 Volt Laser Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02061-21 Arkusz danych(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M02061-21 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02061-21 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
Product Specification
02061-DSH-001-G
Mindspeed Technologies
®
4
Mindspeed Proprietary and Confidential
1.2
Recommended Operating Conditions
1.3
DC Characteristics
(VCC = +3.05V to +3.55V or 4.75V to 5.4V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values are at VCC = 3.3 V, IBIASOUT = 30 mA, IMOD = 30 mA, TA = 25 °C, unless otherwise noted.
Table 1-2.
Recommended Operating Conditions
Parameter
Rating
Units
Power supply (VCC-GND)
3.3 ± 7.5%
or 5.0 + 8%, -5%
V
Operating ambient
-40 to + 95
°C
Table 1-3.
DC Characteristics (1 of 3)
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
ICC
Supply current excluding
IMOD and IBIAS
PWA high (no pulse width adjust)
additional current when PWA used
additional current when operating from a 5V
supply
-
-
35
1.5
1.5
61
-
-
mA
IBIAS
Bias current adjust range
V(IBIASOUT) > 0.7V
For 3.3V operation with an AC coupled laser
For 5.0V operation with a DC coupled laser.
1
1
100
60
mA
IBIAS(OFF)
Bias current with optical
output disabled
DIS = high
V(IBIASOUT) > VCC - 1V
300
µA
Ratio of IBIAS current to
BIASMON current
–100
A/A
VMD
Monitor diode reverse bias
voltage
VCC =3.3V
1.5
V
IMD
Monitor diode current
adjustment range
Adjusted with RAPCSET
10
1500
µA
Ratio of TxPwrMON current
to monitor photodiode
current
0.95
1
1.25
A/A
CMD_MAX
Maximum monitor
photodiode capacitance for
APC loop stability. Includes
all associated parasitic
capacitances.
100
pF
TTL/CMOS input high
voltage (DIS)
2.0
5.4
V


Podobny numer części - M02061-21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02061-21 MA-COM-M02061-21 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
More results

Podobny opis - M02061-21

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02069 MA-COM-M02069 Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02068 MA-COM-M02068_17 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
CX02068 MA-COM-CX02068 Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
02068-DSH-001-C MA-COM-02068-DSH-001-C Datasheet
632Kb / 18P
   3.3 Volt Laser Driver IC for 155/622 Mbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com