Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

M02069-12 Arkusz danych(PDF) 7 Page - M/A-COM Technology Solutions, Inc.

Numer części M02069-12
Szczegółowy opis  3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MA-COM [M/A-COM Technology Solutions, Inc.]
Strona internetowa  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M02069-12 Arkusz danych(HTML) 7 Page - M/A-COM Technology Solutions, Inc.

Back Button M02069-12 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 10Page - M/A-COM Technology Solutions, Inc. M02069-12 Datasheet HTML 11Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
Product Specification
02069-DSH-001-D
Mindspeed Technologies™
7
Mindspeed Proprietary and Confidential
1.5
Safety Logic Timing
(VCC = 3.05 V to 3.55V or 4.7V to 5.5V, TA = -40 °C to +95 °C, unless otherwise noted)
Typical values for common anode are at VCC = 3.3 V, IBOUTCA = 20 mA, IMOD = 20 mA, TA = 25 °C, unless otherwise noted.
Typical values for common cathode are at VCC = 3.3 V, IBOUTCC = 5 mA, IMOD = 5 mA, TA = 25 °C, unless otherwise noted.
tr
Modulation output rise time
20% to 80% into 25
(3). For I
MOD from 3 mA
to 30 mA. Measured using 11110000 pattern
at 2.5Gbps.
67
80
ps
tf
Modulation output fall time
67
80
ps
OSOFF
Overshoot of modulation output
current in the “off” direction
into 25
Ω load
--
1
2
%
RJ
Random jitter
0.8
psrms
DJ
Deterministic jitter
K28.5 pattern at 4.3 Gbps
(includes pulse width distortion)
10
23
pspp
Notes:
1. Minimum voltage at OUT+ > 0.7V.
2. The current through the laser in this state can be made negligible by adding a 1k
Ω or less resistor in parallel with the laser.
3. The M02069 is designed to drive 25
Ω loads. External resistance should be added in series or parallel to the Laser to create this load impedance. In
common cathode mode, 50
Ω resistors internal to the M02069 are in parallel with the laser..
Table 1-5.
Safety Logic Timing
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units.
t_off
DIS assert time
Rising edge of DIS to fall of output signal
below 10% of nominal(1)
10
µs
t_on
DIS negate time
Falling edge of DIS to rise of output signal
above 90% of nominal(1)
1
ms
t_init
Time to initialize(2)
Includes reset of FAIL; from power on after
Supply_OK or from negation of DIS during
reset of FAIL condition
2
3
5
ms
t_fault
Laser fault time - from fault condition
to assertion of FAIL
From occurrence of fault condition or when
Supply_OK is beyond specified range
100
µs
t_reset
DIS time to start reset
DIS or ENA pulse width required to initialize
safety circuitry or reset a latched fault
10(3)
µs
t_onBM
DIS negate (turn-on) time during
burst-mode operation
Using integrated switch at SVCC (3.3V
operation) (4)
300
500
ns
t_offBM
DIS assert (turn-off) time during
burst-mode operation
Using integrated switch at SVCC (3.3V
operation)(4)
200
500
ns
Notes:
1. With CAPC = 2.2nF
2. User-adjustable. Specifications reflect timing with no external RESET capacitor.
3. With < 1nF capacitor from RESET pin to ground.
4. Imod > 12mA
Table 1-4.
AC Characteristics
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units.


Podobny numer części - M02069-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02069-12 MA-COM-M02069-12 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
More results

Podobny opis - M02069-12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
M/A-COM Technology Solu...
M02069 MA-COM-M02069_17 Datasheet
653Kb / 45P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
02069-DSH-001-D MA-COM-02069-DSH-001-D Datasheet
751Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 4.3 Gbps
M02094 MA-COM-M02094 Datasheet
768Kb / 44P
   3.3 or 5 Volt VCSEL/FP Laser Driver IC for Applications to 2 Gbps
M02066 MA-COM-M02066_17 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps
02066-DSH-001-D MA-COM-02066-DSH-001-D Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02066 MA-COM-M02066 Datasheet
681Kb / 20P
   3.3 Volt Laser Driver IC for Applications to 3 Gbps Data Sheet
M02061 MA-COM-M02061 Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
02061-DSH-001-G MA-COM-02061-DSH-001-G Datasheet
600Kb / 37P
   3.3 or 5 Volt Laser Driver
M02061 MA-COM-M02061_17 Datasheet
699Kb / 45P
   3.3 or 5 Volt Laser Driver
M02067 MA-COM-M02067_17 Datasheet
414Kb / 20P
   3.3 Volt Laser Driver IC for GbE and Fibre Channel to 2.1 Gbps
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com