Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP701A Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP701A
Szczegółowy opis  Photocouplers GaA-As Infrared LED and Photo IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701A Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP701A Datasheet HTML 1Page - Toshiba Semiconductor TLP701A Datasheet HTML 2Page - Toshiba Semiconductor TLP701A Datasheet HTML 3Page - Toshiba Semiconductor TLP701A Datasheet HTML 4Page - Toshiba Semiconductor TLP701A Datasheet HTML 5Page - Toshiba Semiconductor TLP701A Datasheet HTML 6Page - Toshiba Semiconductor TLP701A Datasheet HTML 7Page - Toshiba Semiconductor TLP701A Datasheet HTML 8Page - Toshiba Semiconductor TLP701A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLP701A
4
9.
9.
9.
9. Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
Electrical Characteristics (Note)
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, T
(Unless otherwise specified, Taaaa = -40 to 100
= -40 to 100
= -40 to 100
= -40 to 100 
))))
Characteristics
Input forward voltage
Input forward voltage
temperature coefficient
Input reverse current
Input capacitance
Peak high-level output current
Peak low-level output current
High-level output voltage
Low-level output voltage
High-level supply current
Low-level supply current
Threshold input current (L/H)
Threshold input voltage (H/L)
Supply voltage
Symbol
VF
∆VF/∆Ta
IR
Ct
IOPH
IOPL
VOH
VOL
ICCH
ICCL
IFLH
VFHL
VCC
Note
(Note 1)
(Note 1)
Test
Circuit
Fig.
12.1.1
Fig.
12.1.2
Fig.
12.1.3
Fig.
12.1.4
Fig.
12.1.5
Fig.
12.1.6
Test Condition
IF = 10 mA, Ta = 25 
IF = 10 mA
VR = 5 V, Ta = 25 
V = 0 V, f = 1 MHz, Ta = 25 
IF = 5 mA, VCC = 15 V,
V6-5 = 4 V
IF = 5 mA, VCC = 15 V,
V6-5 = 10 V
IF = 0 mA, VCC = 15 V,
V5-4 = 2 V
IF = 0 mA, VCC = 15 V,
V5-4 = 10 V
IF = 5 mA, VCC = 10 V,
IO = -100 mA
VF = 0.8 V, VCC = 10 V,
IO = 100 mA
IF = 10 mA, VCC = 10 to 30 V,
VO = Open
IF = 0 mA, VCC = 10 to 30 V,
VO = Open
VCC = 15 V, VO > 1 V
VCC = 15 V, VO < 1 V
Min
1.40
0.2
0.4
6.0
0.8
10
Typ.
1.57
-1.8
60
-0.38
-0.6
0.36
0.62
8.5
0.4
1.4
1.3
2.5
Max
1.80
10
-0.2
-0.4
1.0
2.0
2.0
5
30
Unit
V
mV/
µA
pF
A
V
mA
V
Note:
All typical values are at Ta = 25 .
Note:
This device is designed for low power consumption, making it more sensitive to ESD than its predecessors.
Extra care should be taken in the design of circuitry and pc board implementation to avoid ESD problems.
Note 1: IO application time ≤ 50 µs, single pulse.
10.
10.
10.
10. Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, T
Isolation Characteristics (Unless otherwise specified, Taaaa = 25
= 25
= 25
= 25 
))))
Characteristics
Total capacitance (input to output)
Isolation resistance
Isolation voltage
Symbol
CS
RS
BVS
Note
(Note 1)
(Note 1)
(Note 1)
Test Conditions
VS = 0 V, f = 1 MHz
VS = 500 V, R.H. ≤ 60 %
AC, 60 s
AC, 1 s in oil
DC, 60 s in oil
Min
1 × 1012
5000
Typ.
1.0
1014
10000
10000
Max
Unit
pF
Vrms
Vdc
Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6
are shorted together.
2015-12-25
Rev.5.0
©2015 Toshiba Corporation


Podobny numer części - TLP701A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
More results

Podobny opis - TLP701A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com