Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP701A Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP701A
Szczegółowy opis  Photocouplers GaA-As Infrared LED and Photo IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP701A Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP701A Datasheet HTML 1Page - Toshiba Semiconductor TLP701A Datasheet HTML 2Page - Toshiba Semiconductor TLP701A Datasheet HTML 3Page - Toshiba Semiconductor TLP701A Datasheet HTML 4Page - Toshiba Semiconductor TLP701A Datasheet HTML 5Page - Toshiba Semiconductor TLP701A Datasheet HTML 6Page - Toshiba Semiconductor TLP701A Datasheet HTML 7Page - Toshiba Semiconductor TLP701A Datasheet HTML 8Page - Toshiba Semiconductor TLP701A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLP701A
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP701A
TLP701A
TLP701A
TLP701A
Start of commercial production
2011-01
1.
1.
1.
1. Applications
Applications
Applications
Applications
Industrial Inverters
IGBT Gate Drivers
MOSFET Gate Drivers
Induction Cooktop and Home Appliances
2.
2.
2.
2. General
General
General
General
The TLP701A is a photocoupler in a SDIP6 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip.
The TLP701A is physically smaller than the one in an 8-pin DIP package and compliant with international safety
standards for reinforced insulation. It thus provides a smaller footprint solution for applications that require
safety standard certification. The TLP701A has an internal Faraday shield that provides a guaranteed Common-
mode transient immunity of ±20 kV/µs. It has a totem-pole output that can both sink and source current. It is
ideal for IGBT and power MOSFET gate drive.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Output peak current: ±0.6 A (max)
(2)
Operating temperature: -40 to 100 
(3)
Supply current: 2 mA (max)
(4)
Supply voltage: 10 to 30 V
(5)
Threshold input current: 5 mA (max)
(6)
Propagation delay time: 500 ns (max)
(7)
Common-mode transient immunity: ±20 kV/µs (min)
(8)
Isolation voltage: 5000 Vrms (min)
(9)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note:
When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2015-12-25
Rev.5.0
©2015 Toshiba Corporation


Podobny numer części - TLP701A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP701 TOSHIBA-TLP701 Datasheet
178Kb / 8P
   Industrial inverters Inverter for air conditioners IGBT/Power MOS FET gate drive
TLP701 TOSHIBA-TLP701 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
TLP701F TOSHIBA-TLP701F Datasheet
104Kb / 2P
   Inverter for Air Conditioners
TLP701 TOSHIBA-TLP701_07 Datasheet
218Kb / 8P
   IGBT/Power MOS FET gate drive
More results

Podobny opis - TLP701A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2366 TOSHIBA-TLP2366 Datasheet
465Kb / 17P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2466 TOSHIBA-TLP2466 Datasheet
231Kb / 11P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2662 TOSHIBA-TLP2662_15 Datasheet
562Kb / 19P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2451A TOSHIBA-TLP2451A Datasheet
215Kb / 10P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2355 TOSHIBA-TLP2355 Datasheet
261Kb / 11P
   Photocouplers GaA - As Infrared LED and Photo IC
TLP2368 TOSHIBA-TLP2368 Datasheet
477Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2398 TOSHIBA-TLP2398 Datasheet
560Kb / 18P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2468 TOSHIBA-TLP2468_15 Datasheet
331Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2962 TOSHIBA-TLP2962_15 Datasheet
325Kb / 13P
   Photocouplers GaA-As Infrared LED and Photo IC
TLP2362 TOSHIBA-TLP2362 Datasheet
476Kb / 16P
   Photocouplers GaA-As Infrared LED and Photo IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com