Zakładka z wyszukiwarką danych komponentów |
|
TLP701A Arkusz danych(PDF) 10 Page - Toshiba Semiconductor |
|
TLP701A Arkusz danych(HTML) 10 Page - Toshiba Semiconductor |
10 / 16 page TLP701A 10 13. 13. 13. 13. Soldering and Storage Soldering and Storage Soldering and Storage Soldering and Storage 13.1. 13.1. 13.1. 13.1. Precautions for Soldering Precautions for Soldering Precautions for Soldering Precautions for Soldering The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective of whether a soldering iron or a reflow soldering method is used. • When using soldering reflow. The soldering temperature profile is based on the package surface temperature. (See the figure shown below, which is based on the package surface temperature.) Reflow soldering must be performed once or twice. The mounting should be completed with the interval from the first to the last mountings being 2 weeks. Fig. Fig. Fig. Fig. 13.1.1 13.1.1 13.1.1 13.1.1 An Example of a Temperature Profile An Example of a Temperature Profile An Example of a Temperature Profile An Example of a Temperature Profile When Sn-Pb Eutectic Solder Is Used When Sn-Pb Eutectic Solder Is Used When Sn-Pb Eutectic Solder Is Used When Sn-Pb Eutectic Solder Is Used Fig. Fig. Fig. Fig. 13.1.2 13.1.2 13.1.2 13.1.2 An Example of a Temperature Profile An Example of a Temperature Profile An Example of a Temperature Profile An Example of a Temperature Profile When Lead(Pb)-free Solder Is Used When Lead(Pb)-free Solder Is Used When Lead(Pb)-free Solder Is Used When Lead(Pb)-free Solder Is Used • When using soldering flow (Applicable to both eutectic solder and Lead(Pb)-Free solder) Preheat the device at a temperature of 150 (package surface temperature) for 60 to 120 seconds. Mounting condition of 260 within 10 seconds is recommended. Flow soldering must be performed once. • When using soldering Iron Complete soldering within 10 seconds for lead temperature not exceeding 260 or within 3 seconds not exceeding 350 Heating by soldering iron must be done only once per lead. 13.2. 13.2. 13.2. 13.2. Precautions for General Storage Precautions for General Storage Precautions for General Storage Precautions for General Storage • Avoid storage locations where devices may be exposed to moisture or direct sunlight. • Follow the precautions printed on the packing label of the device for transportation and storage. • Keep the storage location temperature and humidity within a range of 5 to 35 and 45 % to 75 %, respectively. • Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty conditions. • Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the solderability of the leads. • When restoring devices after removal from their packing, use anti-static containers. • Do not allow loads to be applied directly to devices while they are in storage. • If devices have been stored for more than two years under normal storage conditions, it is recommended that you check the leads for ease of soldering prior to use. 2015-12-25 Rev.5.0 ©2015 Toshiba Corporation |
Podobny numer części - TLP701A |
|
Podobny opis - TLP701A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |