Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP705A Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP705A
Szczegółowy opis  Isolation voltage - 5000 Vrms (min)
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP705A Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP705A Datasheet HTML 1Page - Toshiba Semiconductor TLP705A Datasheet HTML 2Page - Toshiba Semiconductor TLP705A Datasheet HTML 3Page - Toshiba Semiconductor TLP705A Datasheet HTML 4Page - Toshiba Semiconductor TLP705A Datasheet HTML 5Page - Toshiba Semiconductor TLP705A Datasheet HTML 6Page - Toshiba Semiconductor TLP705A Datasheet HTML 7Page - Toshiba Semiconductor TLP705A Datasheet HTML 8Page - Toshiba Semiconductor TLP705A Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
TLP705A
1
Photocouplers GaAℓAs Infrared LED & Photo IC
TLP705A
TLP705A
TLP705A
TLP705A
Start of commercial production
2011-01
1.
1.
1.
1. Applications
Applications
Applications
Applications
Industrial Inverters
Air Conditioner Inverters
MOSFET Gate Drivers
IGBT Gate Drivers
2.
2.
2.
2. General
General
General
General
The TLP705A is a photocoupler in a SDIP6 package that consists of a GaAℓAs infrared light-emitting diode (LED)
optically coupled to an integrated high-gain, high-speed photodetector IC chip. The TLP705A is physically smaller
than the one in an 8-pin DIP package and compliant with international safety standards for reinforced insulation.
It thus provides a smaller footprint solution for applications that require safety standard certification. The
TLP705A has an internal Faraday shield that provides a guaranteed Common-mode transient immunity of ±20
kV/µs. It has a totem-pole output that can both sink and source current. It is ideal for IGBT and power MOSFET
gate drive.
3.
3.
3.
3. Features
Features
Features
Features
(1)
Output peak current: ±0.6 A (max)
(2)
Operating temperature: -40 to 100 
(3)
Supply current: 3 mA (max)
(4)
Supply voltage: 10 to 30 V
(5)
Threshold input current: 7.5 mA (max)
(6)
Propagation delay time: 200 ns (max)
(7)
Common-mode transient immunity: ±20 kV/µs (min)
(8)
Isolation voltage: 5000 Vrms (min)
(9)
Safety standards
UL-approved: UL1577, File No.E67349
cUL-approved: CSA Component Acceptance Service No.5A File No.E67349
VDE-approved: EN60747-5-5 (Note 1)
(Note 1)
(Note 1)
(Note 1)
Note 1: When an EN60747-5-5 approved type is needed, please designate the Option (D4)
Option (D4)
Option (D4)
Option (D4).
2015-12-25
Rev.5.0
©2015 Toshiba Corporation


Podobny numer części - TLP705A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP705 TOSHIBA-TLP705 Datasheet
145Kb / 6P
   Plasma Display Panel. Industrial Inverter IGBT/Power MOS FET Gate Drive
TLP705 TOSHIBA-TLP705 Datasheet
182Kb / 6P
   Plasma Display Panel
TLP705F TOSHIBA-TLP705F Datasheet
125Kb / 2P
   Plasma Display Panel
TLP705 TOSHIBA-TLP705_07 Datasheet
182Kb / 6P
   Plasma Display Panel
More results

Podobny opis - TLP705A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silicon Laboratories
SI88X2X SILABS-SI88X2X Datasheet
768Kb / 45P
   Isolation of up to 5000 Vrms
logo
American Zettler, Inc.
AZ7555 AZETTLER-AZ7555 Datasheet
945Kb / 3P
   Dielectric strength 5000 Vrms
logo
List of Unclassifed Man...
FNA41560B2 ETC2-FNA41560B2 Datasheet
3Mb / 16P
   UL Certified No. E209204, Isolation Rating of 2000 Vrms / min
logo
American Zettler, Inc.
AZ7335 AZETTLER-AZ7335 Datasheet
1Mb / 3P
   Dielectric strength 5000 Vrms
AZ733WC AZETTLER-AZ733WC Datasheet
237Kb / 2P
   Dielectric strength 5000 Vrms
logo
ZETTLER Electronics
AZ576 ZETTLER-AZ576 Datasheet
50Kb / 2P
   Dielectric strength 5000 Vrms
logo
Rohm
BM60059FV-C ROHM-BM60059FV-C Datasheet
1Mb / 49P
   Isolation Voltage 2500 Vrms 1ch Gate Driver Providing Galvanic Isolation
28.Jul.2021 Rev.002
BM61M22BFJ-C ROHM-BM61M22BFJ-C Datasheet
926Kb / 26P
   Isolation Voltage 2500 Vrms 1ch Gate Driver Providing Galvanic Isolation
12.Jan.2022 Rev.002
BM6109FV-C ROHM-BM6109FV-C Datasheet
1Mb / 43P
   1ch Gate Driver Providing Galvanic Isolation 2500 Vrms Isolation Voltage
25.Oct.2018 Rev.001
BM6112FV-C ROHM-BM6112FV-C Datasheet
1Mb / 38P
   Isolation Voltage 3750 Vrms 1ch Gate Driver Providing Galvanic Isolation
18.Nov.2019 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com