Zakładka z wyszukiwarką danych komponentów |
|
TLP705A Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP705A Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 16 page TLP705A 3 7. 7. 7. 7. Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, T Absolute Maximum Ratings (Note) (Unless otherwise specified, Taaaa = 25 = 25 = 25 = 25 )))) LED Detector Common Characteristics Input forward current Input forward current derating Peak transient input forward current Peak transient input forward current derating Input reverse voltage Input power dissipation Input power dissipation derating Peak high-level output current Peak low-level output current Output voltage Output power dissipation Output power dissipation derating Supply voltage Operating temperature Storage temperature Lead soldering temperature Isolation voltage (Ta ≥ 85 ) (Ta ≥ 85 ) (Ta ≥ 85 ) (Ta = -40 to 100 ) (Ta = -40 to 100 ) (Ta ≥ 85 ) (10 s) AC, 60 s, R.H. ≤ 60 % Symbol IF ∆IF/∆Ta IFPT ∆IFPT/∆Ta VR PD ∆PD/∆Ta IOPH IOPL VO PO ∆PO/∆Ta VCC Topr Tstg Tsol BVS Note (Note 1) (Note 2) (Note 2) (Note 3) (Note 4) Rating 25 -0.67 1 -25 5 40 -1.0 -0.6 +0.6 35 80 -2.0 35 -40 to 100 -55 to 125 260 5000 Unit mA mA/ A mA/ V mW mW/ A V mW mW/ V Vrms Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook ("Handling Precautions"/"Derating Concept and Methods") and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 1: Pulse width (PW) ≤ 1 µs, 300 pps Note 2: Exponential waveform. Pulse width ≤ 2 µs, f ≤ 15 kHz Note 3: ≥ 2 mm below seating plane. Note 4: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6 are shorted together. 8. 8. 8. 8. Recommended Operating Conditions (Note) Recommended Operating Conditions (Note) Recommended Operating Conditions (Note) Recommended Operating Conditions (Note) Characteristics Input on-state current Input off-state voltage Supply voltage Peak high-level output current Peak low-level output current Operating frequency Symbol IF(ON) VF(OFF) VCC IOPH IOPL f Note (Note 1) (Note 2) (Note 3) Min 10 0 10 Typ. Max 15 0.8 30 -0.2 +0.2 250 Unit mA V A kHz Note: The recommended operating conditions are given as a design guide necessary to obtain the intended performance of the device. Each parameter is an independent value. When creating a system design using this device, the electrical characteristics specified in this datasheet should also be considered. Note: A ceramic capacitor (0.1 µF) should be connected between pin 6 and pin 4 to stabilize the operation of a high- gain linear amplifier. Otherwise, this photocoupler may not switch properly. The bypass capacitor should be placed within 1 cm of each pin. Note 1: The rise and fall times of the input on-current should be less than 0.5 µs. Note 2: Denotes the operating range, not the recommended operating condition. Note 3: Exponential waveform. IOPH ≥ -0.25 A (≤ 90 ns), IOPL ≤ 0.25 A (≤ 90 ns), Ta = 100 2015-12-25 Rev.5.0 ©2015 Toshiba Corporation |
Podobny numer części - TLP705A |
|
Podobny opis - TLP705A |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |