Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LM25122-Q1 Arkusz danych(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Numer części LM25122-Q1
Szczegółowy opis  Wide-Input Synchronous Boost Controller
Download  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

LM25122-Q1 Arkusz danych(HTML) 5 Page - Texas Instruments

  LM25122-Q1 Datasheet HTML 1Page - Texas Instruments LM25122-Q1 Datasheet HTML 2Page - Texas Instruments LM25122-Q1 Datasheet HTML 3Page - Texas Instruments LM25122-Q1 Datasheet HTML 4Page - Texas Instruments LM25122-Q1 Datasheet HTML 5Page - Texas Instruments LM25122-Q1 Datasheet HTML 6Page - Texas Instruments LM25122-Q1 Datasheet HTML 7Page - Texas Instruments LM25122-Q1 Datasheet HTML 8Page - Texas Instruments LM25122-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
LM25122-Q1
www.ti.com
SNVSAF0A – DECEMBER 2015 – REVISED DECEMBER 2015
6.2 ESD Ratings
VALUE
UNIT
Human body model (HBM), per AEC Q100-002(1)
±2000
Corner pins (1, 10, 11,
±1000
V(ESD)
Electrostatic discharge
V
Charged device model (CDM), per AEC
and 20)
Q100-011
Other pins
±1000
(1)
AEC Q100-002 indicates HBM stressing is done in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
6.3 Recommended Operating Conditions
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Input supply voltage(2)
VIN
4.5
42
V
Low-side driver bias voltage
VCC
14
V
High-side driver bias voltage
BST to SW
3.8
14
V
Current sense common mode
CSP, CSN
V
3
42
range(2)
Switch node voltage
SW
50
V
Junction temperature
TJ
–40
125
ºC
(1)
Recommended Operating Conditions are conditions under which operation of the device is intended to be functional, but does not
guarantee specific performance limits.
(2)
Minimum VIN operating voltage is always 4.5 V. The minimum input power supply voltage can be 3.0 V after start-up, assuming VIN
voltage is supplied from an available external source.
6.4 Thermal Information
LM25122-Q1
PWP
THERMAL METRIC(1)
UNIT
(HTSSOP)
20 PINS
RθJA
Junction-to-ambient thermal resistance
36.0
ºC/W
RθJC(top)
Junction-to-case (top) thermal resistance
20.1
ºC/W
RθJB
Junction-to-board thermal resistance
16.8
ºC/W
ψJT
Junction-to-top characterization parameter
0.4
ºC/W
ψJB
Junction-to-board characterization parameter
16.7
ºC/W
ψJCbot
Junction-to-case (bottom) thermal resistance
1.7
ºC/W
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
Copyright © 2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM25122-Q1


Podobny numer części - LM25122-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
LM2512 NSC-LM2512 Datasheet
903Kb / 22P
   Mobile Pixel Link Level 0, 24-Bit RGB Display Interface Serializer with Dithering and Look Up Table Option
LM2512A NSC-LM2512A Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
logo
Texas Instruments
LM2512A TI-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   LM2512A Mobile Pixel Link (MPL-1), 24 Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
LM2512A TI1-LM2512A Datasheet
1Mb / 28P
[Old version datasheet]   Mobile Pixel Link RGB Display Interface Serializer
logo
National Semiconductor ...
LM2512ASM NSC-LM2512ASM Datasheet
448Kb / 22P
   Mobile Pixel Link (MPL-1), 24-Bit RGB Display Interface Serializer with Optional Dithering and Look Up Table
More results

Podobny opis - LM25122-Q1

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
[Old version datasheet]   Wide-Input Synchronous Boost Controller
LM5122ZA TI1-LM5122ZA Datasheet
1Mb / 48P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121-Q1 TI1-LM5121-Q1 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5122 TI-LM5122 Datasheet
1Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Multiple Phase Capability
LM5122 TI1-LM5122_17 Datasheet
2Mb / 51P
[Old version datasheet]   Wide-Input Synchronous Boost Controller With Multiple Phase Capability
LM5121 TI1-LM5121 Datasheet
2Mb / 43P
[Old version datasheet]   Wide Input Synchronous Boost Controller with Disconnection Switch Control
logo
Exar Corporation
SP7606 EXAR-SP7606 Datasheet
931Kb / 17P
   Wide Input Voltage Boost Controller
logo
Texas Instruments
LM5121-Q1 TI-LM5121-Q1_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
LM5121 TI-LM5121_15 Datasheet
2Mb / 47P
[Old version datasheet]   LM5121 Wide Input Synchronous Boost Controller with Disconnection Switch Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com