Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP714 Arkusz danych(PDF) 9 Page - Toshiba Semiconductor

Numer części TLP714
Szczegółowy opis  Inverter logic type (open collector output)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP714 Arkusz danych(HTML) 9 Page - Toshiba Semiconductor

Back Button TLP714 Datasheet HTML 5Page - Toshiba Semiconductor TLP714 Datasheet HTML 6Page - Toshiba Semiconductor TLP714 Datasheet HTML 7Page - Toshiba Semiconductor TLP714 Datasheet HTML 8Page - Toshiba Semiconductor TLP714 Datasheet HTML 9Page - Toshiba Semiconductor TLP714 Datasheet HTML 10Page - Toshiba Semiconductor TLP714 Datasheet HTML 11Page - Toshiba Semiconductor TLP714 Datasheet HTML 12Page - Toshiba Semiconductor TLP714 Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TLP714
9
13.
13.
13.
13. Soldering and Storage
Soldering and Storage
Soldering and Storage
Soldering and Storage
13.1.
13.1.
13.1.
13.1. Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
Precautions for Soldering
The soldering temperature should be controlled as closely as possible to the conditions shown below, irrespective
of whether a soldering iron or a reflow soldering method is used.
When using soldering reflow.
The soldering temperature profile is based on the package surface temperature.
(See the figure shown below, which is based on the package surface temperature.)
Reflow soldering must be performed once or twice.
The mounting should be completed with the interval from the first to the last mountings being 2 weeks.
Fig.
Fig.
Fig.
Fig. 13.1.1
13.1.1
13.1.1
13.1.1 An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
When Sn-Pb Eutectic Solder Is Used
When Sn-Pb Eutectic Solder Is Used
When Sn-Pb Eutectic Solder Is Used
When Sn-Pb Eutectic Solder Is Used
Fig.
Fig.
Fig.
Fig. 13.1.2
13.1.2
13.1.2
13.1.2 An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
An Example of a Temperature Profile
When Lead(Pb)-free Solder Is Used
When Lead(Pb)-free Solder Is Used
When Lead(Pb)-free Solder Is Used
When Lead(Pb)-free Solder Is Used
When using soldering flow (Applicable to both eutectic solder and Lead(Pb)-Free solder)
Preheat the device at a temperature of 150  (package surface temperature) for 60 to 120 seconds.
Mounting condition of 260  within 10 seconds is recommended.
Flow soldering must be performed once.
When using soldering Iron
Complete soldering within 10 seconds for lead temperature not exceeding 260  or within 3 seconds not
exceeding 350 
Heating by soldering iron must be done only once per lead.
13.2.
13.2.
13.2.
13.2. Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Precautions for General Storage
Avoid storage locations where devices may be exposed to moisture or direct sunlight.
Follow the precautions printed on the packing label of the device for transportation and storage.
Keep the storage location temperature and humidity within a range of 5  to 35  and 45 % to 75 %,
respectively.
Do not store the products in locations with poisonous gases (especially corrosive gases) or in dusty
conditions.
Store the products in locations with minimal temperature fluctuations. Rapid temperature changes during
storage can cause condensation, resulting in lead oxidation or corrosion, which will deteriorate the
solderability of the leads.
When restoring devices after removal from their packing, use anti-static containers.
Do not allow loads to be applied directly to devices while they are in storage.
If devices have been stored for more than two years under normal storage conditions, it is recommended
that you check the leads for ease of soldering prior to use.
2015-12-25
Rev.6.0
©2015 Toshiba Corporation


Podobny numer części - TLP714

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP714F TOSHIBA-TLP714F Datasheet
374Kb / 15P
   Photocouplers GaAAs Infrared LED & Photo IC
More results

Podobny opis - TLP714

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP754 TOSHIBA-TLP754_15 Datasheet
408Kb / 15P
   Inverter logic type (open collector output)
TLP2168 TOSHIBA-TLP2168_15 Datasheet
453Kb / 16P
   Inverter logic type (open collector output)
logo
NXP Semiconductors
74F756 PHILIPS-74F756 Datasheet
88Kb / 12P
   Octal inverter buffer open-collector
1989 Nov 27
logo
Toshiba Semiconductor
TLP2160 TOSHIBA-TLP2160 Datasheet
328Kb / 14P
   Inverter logic type (Totem pole output)
TLP2358 TOSHIBA-TLP2358 Datasheet
257Kb / 11P
   Inverter logic type (totem pole output)
TLP2361 TOSHIBA-TLP2361 Datasheet
424Kb / 16P
   Inverter logic type (Totem pole output)
logo
Renesas Technology Corp
HD74LS06 RENESAS-HD74LS06_1 Datasheet
63Kb / 6P
   Hex Inverter Buffers / Drivers (with Open Collector High-Voltage Output)
logo
Fairchild Semiconductor
DM74S05 FAIRCHILD-DM74S05 Datasheet
47Kb / 4P
   Hex Inverter with Open-Collector Outputs
logo
Texas Instruments
SN5405 TI-SN5405 Datasheet
547Kb / 18P
[Old version datasheet]   HEX INVERTER WITH OPEN-COLLECTOR OUTPUTS
logo
Fairchild Semiconductor
DM74ALS05AN FAIRCHILD-DM74ALS05AN Datasheet
52Kb / 4P
   Hex Inverter with Open Collector Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com