Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor

  TLP715_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 7Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 8Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TLP715
2014-09-01
4
Switching Characteristics
(Unless otherwise specified, Ta = −40 to 100
°C, Vcc = 4.5 to 20 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP. *
MAX
UNIT
Propagation delay time
to logic HIGH output
tpLH
7,8
IF = 0 → 3 mA
30
120
250
ns
Propagation delay time
to logic LOW output
tpHL
IF = 3 → 0 mA
30
120
250
ns
Switching time dispersion
between ON and OFF
|tpLH-
tpHL|
220
ns
Rise Time (10 – 90 %)
tr
IF = 0 → 3 mA, VCC = 5 V
30
ns
Fall Time (90 – 10 %)
tf
IF = 3 → 0 mA, VCC = 5 V
30
ns
Common-mode transient
Immunity at HIGH level output
CMH
9
VCM = 1000 Vp-p, IF = 5 mA,
VCC = 20 V, Ta = 25°C
10000
V/μs
Common-mode transient
Immunity at LOW level output
CML
VCM = 1000 Vp-p, IF = 0 mA,
VCC = 20 V, Ta = 25°C
−10000
V/μs
*All typical values are at Ta = 25
°C.
TEST CIRCUIT 1: VOL
TEST CIRCUIT 2: VOH
TEST CIRCUIT 3: ICCL
TEST CIRCUIT 4: ICCH
TEST CIRCUIT 5: IOSL
TEST CIRCUIT 6: IOSH
IF
Vcc
VCC
GND
SHIELD
0.1μF
VO
V
IOH
1
3
6
5
4
2
Vcc
VCC
GND
SHIELD
0.1μF
VOL
V
IOL
1
3
6
5
4
2
VF
Vcc
VCC
GND
SHIELD
ICCL
A
1
6
3
5
4
2
IF
VCC
GND
SHIELD
Vcc
ICCH
A
1
3
6
5
4
2
Vcc
VCC
GND
SHIELD
0.1μF
Vo
IOSL
A
1
3
6
5
4
2
IF
VCC
GND
SHIELD
0.1μF
Vcc
IOSH
A
Vo
1
3
6
5
4
2
3
6
5
4
2
0.1μF
0.1μF
VOH=VCC –VO [V]


Podobny numer części - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
More results

Podobny opis - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com