Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  TLP715_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 7Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 8Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TLP715
2014-09-01
5
TEST CIRCUIT 7: Switching Time Test Circuit
TEST CIRCUIT 8: Switching Time Test Circuit
TEST CIRCUIT 9: Common-Mode Transient Immunity Test Circuit
CMH (CML) is the maximum rate of rise (fall) of the common mode voltage that can be sustained with the
output voltage in the high (low) state.
0.1μF
Vo
Vcc
1
3
6
5
4
VCM
B
Vcc
GND
SHIELD
2
SW
A
IF
+
-
Vo
0.1μF
Vcc
IF
Vcc
GND
SHIELD
CL
Vcc
GND
SHIELD
Vo
0.1μF
CL
Vcc
IF
5V
620Ω
5kΩ
CL: stray capacitance of probe and wiring (to 15 pF)
IF=3 mA(P.G)
(f=50 kHz , duty=50%
less than tr = tf = 5ns )
CL: stray capacitance of probe and wiring (to 15 pF)
tp LH
IF
Vo
50%
VOL
VOH
tp HL
tr
tf
90%
10%
1.3V
1.3V
10%
90%
tp LH
IF
Vo
50%
VOL
VOH
tp HL
1.3V
1.3V
)
s
(
tr
)
V
(
L
CM
μ
=
800
)
s
(
tf
)
V
(
H
CM
μ
=
800
CML
CMH
VCM
Vo
90%
1000V
SW A: I F =5mA
SW B: I F =0mA
1V
17V
tr
tf
10%
IF=3 mA(P.G)
(f=50 kHz , duty=50%
less than tr = tf = 5ns )


Podobny numer części - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
More results

Podobny opis - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com