Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 2 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 2 Page - Toshiba Semiconductor

  TLP715_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 7Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 8Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
TLP715
2014-09-01
2
Absolute Maximum Ratings (Ta = 25°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Forward Current (Ta ≤ 83
°C)
IF
20
mA
Forward Current Derating (Ta ≥ 83
°C)
∆IF/∆Ta
−0.48
mA/
°C
Peak Transient Forward Current (Note 1)
IFPT
1
A
Reverse Voltage
VR
5
V
Junction Temperature
Tj
125
°C
Output Current 1 (Ta ≤ 25
°C)
IO1
25 / −15
mA
Output Current 2 (Ta ≤ 100
°C)
IO2
13 / −13
mA
Output Voltage
VO
−0.5 to 20
V
Supply Voltage
VCC
−0.5 to 20
V
Junction Temperature
Tj
125
°C
Operating Temperature Range
Topr
−40 to 100
°C
Storage Temperature Range
Tstg
−55 to 125
°C
Lead Solder Temperature (10 s)
Tsol
260
°C
Isolation Voltage (AC,1 minute, R.H. ≤ 60%, Ta = 25
°C) (Note 2)
BVS
5000
Vrms
Note: Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if
the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum
ratings.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Pulse width PW ≤ 1μs, 300pps.
Note 2: Device Considered a two terminal device: pins 1, 2 and 3 shorted together and pins 4, 5 and 6 shorted
together.
Recommended Operating Conditions
CHARACTERISTIC
SYMBOL
MIN
TYP.
MAX
UNIT
Input Current, ON
IF (ON)
4.5
10
mA
Input Voltage, OFF
VF (OFF)
0
0.8
V
Supply Voltage*
VCC
4.5
20
V
Operating Temperature
Topr
-40
100
°C
* This item denotes operating ranges, not meaning of recommended operating conditions.
Note: Recommended operating conditions are given as a design guideline to obtain expected performance of the
device. Additionally, each item is an independent guideline respectively. In developing designs using this
product, please confirm specified characteristics shown in this document.


Podobny numer części - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
More results

Podobny opis - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com