Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP715 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor

Numer części TLP715
Szczegółowy opis  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP715 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor

  TLP715_14 Datasheet HTML 1Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 2Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 3Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 4Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 5Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 6Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 7Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 8Page - Toshiba Semiconductor TLP715_14 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TLP715
2014-09-01
3
Electrical Characteristics
(Unless otherwise specified, Ta =−40 to 100
°C, VCC = 4.5 to 20 V)
CHARACTERISTIC
SYMBOL
TEST
CIRCUIT
CONDITION
MIN
TYP. *
MAX
UNIT
Input forward voltage
VF
IF = 5 mA , Ta = 25°C
1.4
1.6
1.7
V
Temperature coefficient of
forward voltage
∆VF/∆Ta
IF = 5 mA
−2.0
mV/
°C
Input reverse current
IR
VR = 5 V , Ta = 25°C
10
μA
Input capacitance
CT
V = 0 V, f = 1 MHz, Ta = 25
°C
45
pF
Logic LOW output voltage
VOL
1
IOL = 3.5 mA, VF = 0.8 V
0.2
0.6
V
Logic HIGH output voltage
VOH
(Note3)
2
IOH = −2.6 mA,
IF=5 mA
VCC = 4.5 V
2.7
3.5
V
VCC = 20 V
17.4
19
Logic LOW supply current
ICCL
3
VF = 0V
3.0
mA
Logic HIGH supply current
ICCH
4
IF = 5 mA
3.0
mA
Logic LOW short circuit
output current
(Note4)
IOSL
5
VF = 0V
VCC = VO = 5.5 V
15
80
mA
VCC = VO = 20 V
20
90
Logic HIGH short circuit
output current
(Note4)
IOSH
6
IF = 5mA,
VO = GND
VCC = 5.5 V
−5
-15
mA
VCC = 20 V
−10
−20
Input current logic HIGH
output
IFLH
IO = -2.6 mA, VO > 2.4 V
0.4
3
mA
Input voltage logic LOW
output
VFHL
IO = 3.5 mA, VO < 0.6V
0.8
V
Input current hysteresis
IHYS
VCC = 5 V
0.05
mA
* All typical values are at Ta=25
°C, VCC=5 V unless otherwise specified
Note 3: VOH = VCC –VO [V]
Note 4: Duration of output short circuit time should not exceed 10 ms.
Note 5: A ceramic capacitor (0.1 μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high
gain linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead
length between capacitor and coupler should not exceed 1 cm.
Isolation Characteristics (Ta = 25°C)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN
TYP.
MAX
UNIT
Capacitance input to output
CS
V = 0 V, f = 1 MHz
(Note 2)
1.0
pF
Isolation resistance
RS
R.H. ≤ 60%, VS = 500 V
(Note 2) 1×10
12
10
14
Isolation voltage
BVS
AC, 1 minute
5000
Vrms
AC, 1 second, in oil
10000
DC, 1 minute, in oil
10000
Vdc


Podobny numer części - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP715 TOSHIBA-TLP715 Datasheet
252Kb / 9P
   TOSHIBA PHOTOCOUPLER GaA As IRED & PHOTO-IC
More results

Podobny opis - TLP715_14

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP718 TOSHIBA-TLP718_15 Datasheet
582Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com