Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TLP718 Arkusz danych(PDF) 1 Page - Toshiba Semiconductor

Numer części TLP718
Szczegółowy opis  Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLP718 Arkusz danych(HTML) 1 Page - Toshiba Semiconductor

  TLP718_15 Datasheet HTML 1Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 2Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 3Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 4Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 5Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 6Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 7Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 8Page - Toshiba Semiconductor TLP718_15 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TLP718
2015-10-13
1
TOSHIBA PHOTOCOUPLER
GaA
ℓAs IRED & PHOTO-IC
TLP718
Isolated Bus Drivers
High Speed Line Receivers
Microprocessor System Interfaces
The Toshiba TLP718 consists of a GaA
ℓAs light-emitting diode and an
integrated high-gain, high-speed photodetector. This unit is a 6-pin SDIP. The
TLP718 is 50% smaller than the 8-PIN DIP and meets the reinforced insulation
class requirements of international safety standards. Therefore the mounting
area can be reduced in equipment requiring safety standard certification.
The detector has a totem pole output stage to provide both source and sink
driving. The detector IC has an internal shield that provides a guaranteed
common-mode transient immunity of 10 kV/
μs.
The TLP718 is inverter logic type. For buffer logic type, the TLP715 is in line-
up.
Inverter logic type (totem pole output)
Guaranteed performance over temperature :
−40 to 100°C
Power supply voltage : 4.5 to 20 V
Input current: IFHL = 3 mA (max)
Switching time ( tpHL / tpLH) : 250 ns (max)
Common-mode transient immunity : ±10 kV/
μs (min)
Isolation voltage : 5000 Vrms (min)
UL recognized
UL1577, File No.E67349
c-UL recognized
CSA Component Acceptance Service No. 5A, File No.E67349
Option (D4) VDE
approved : DIN EN60747-5-5
Note : When a EN60747-5-5 approved type is needed,
Please designate “Option(D4)”
Construction Mechanical Rating
7.62 mm pitch
standard type
10.16 mm pitch
TLPXXXF type
Creepage Distance
Clearance
Insulation Thickness
7.0 mm (min)
7.0 mm (min)
0.4 mm (min)
8.0 mm (min)
8.0 mm (min)
0.4 mm (min)
Truth Table
Input
LED
Tr1
Tr2
Output
H
ON
OFF
ON
L
L
OFF
ON
OFF
H
Unit: mm
Weight: 0.26 g (typ.)
4.58±0.25
9.7±0.3
0.4±0.1
1.27±0.2
1.25±0.25
7.62±0.25
1
2
3
6
5
4
11-5J1
TOSHIBA
11-5J1
VCC
GND
SHIELD
1
3
4
5
6
2
1: ANODE
2: N.C.
3: CATHODE
4: GND
5: VO (Output)
6: VCC
Pin Configuration (Top View)
Note: 0.1
μF bypass capacitor must be connected
between pins 6 and 4.
Schematic
VCC
VO
GND
ICC
IO
6
5
4
SHIELD
3-
1+
IF
VF
Tr1
Tr2
Start of commercial production
2008/12
(Note)


Podobny numer części - TLP718_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP718 TOSHIBA-TLP718 Datasheet
255Kb / 9P
   TOSHIBA PHOTOCOUPLER GaAAs IRED & PHOTO-IC
More results

Podobny opis - TLP718_15

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
TLP2108 TOSHIBA-TLP2108 Datasheet
304Kb / 11P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP715 TOSHIBA-TLP715_14 Datasheet
292Kb / 9P
   Isolated Bus Drivers High Speed Line Receivers Microprocessor System Interfaces
TLP115 TOSHIBA-TLP115 Datasheet
217Kb / 8P
   High Speed, Long Distance Isolated Line Receiver Microprocessor System Interfaces
TLP558 TOSHIBA-TLP558 Datasheet
215Kb / 7P
   Isolated Bus Driver High Speed Line Receiver Microprocessor System Interfaces MOS FET Gate Driver Transistor Inverter
TLP651 TOSHIBA-TLP651_07 Datasheet
477Kb / 7P
   Microprocessor System Interfaces
logo
Texas Instruments
SN65LVDS1050 TI-SN65LVDS1050 Datasheet
228Kb / 17P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
STMicroelectronics
STLVDS051 STMICROELECTRONICS-STLVDS051 Datasheet
283Kb / 11P
   HIGH SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
logo
Texas Instruments
SN65LVDM179 TI-SN65LVDM179_07 Datasheet
1Mb / 26P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM179 TI-SN65LVDM179 Datasheet
268Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
SN65LVDM050-Q1 TI-SN65LVDM050-Q1 Datasheet
290Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com