Zakładka z wyszukiwarką danych komponentów |
|
TLP718 Arkusz danych(PDF) 3 Page - Toshiba Semiconductor |
|
TLP718 Arkusz danych(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TLP718 2015-10-13 3 Electrical Characteristics (Unless otherwise specified, Ta = −40 to 100°C, VCC = 4.5 to 20 V) CHARACTERISTIC SYMBOL TEST CIRCUIT CONDITION MIN TYP. MAX UNIT Input forward voltage VF ― IF = 5 mA, Ta = 25°C 1.4 1.6 1.7 V Temperature coefficient of forward voltage ΔVF/ΔTa ― IF = 5 mA ― −2.0 ― mV/°C Input reverse current IR ― VR = 5 V, Ta = 25°C ― ― 10 μA Input capacitance CT ― V = 0 V, f = 1 MHz, Ta = 25°C ― 45 ― pF Logic LOW output voltage VOL Figure 1 IOL = 3.5 mA , IF = 5 mA ― 0.2 0.6 V Logic HIGH output voltage (Note 1) VOH Figure 2 IOH = −2.6 mA, VF = 0.8 V VCC = 4.5 V 2.7 3.5 ― V VCC = 20 V 17.4 19 ― Logic LOW supply current ICCL Figure 3 IF = 5 mA ― ― 3.0 mA Logic HIGH supply current ICCH Figure 4 VF=0 V ― ― 3.0 mA Logic LOW short circuit output current (Note 2) IOSL Figure 5 IF = 5 mA VCC = VO = 5.5 V 15 80 ― mA VCC = VO = 20 V 20 90 ― Logic HIGH short circuit output current (Note 3) IOSH Figure 6 VF = 0 V, VO = GND VCC = 5.5 V −5 -15 ― mA VCC = 20 V −10 −20 ― Input current logic LOW output IFHL ― IO = 3.5 mA, VO < 0.6 V ― 0.4 3 mA Input voltage logic HIGH output VFLH ― IO = −2.6 mA, VO > 2.4 V 0.8 ― ― V Input current hysteresis IHYS ― VCC = 5 V ― 0.05 ― mA Note: All typical values are at Ta = 25°C, VCC = 5 V unless otherwise specified. Note 1: VOH = VCC –VO [V] Note 2: Duration of output short circuit time should not exceed 10 ms. Note 3: A ceramic capacitor (0.1 μF) should be connected from pin 6 to pin 4 to stabilize the operation of the high gain linear amplifier. Failure to provide the bypassing may impair the switching property. The total lead length between capacitor and coupler should not exceed 1 cm. Isolation Characteristics (Ta = 25°C) CHARACTERISTIC SYMBOL TEST CONDITION MIN TYP. MAX UNIT Capacitance input to output CS (Note 1) VS = 0V, f = 1 MHz ― 1.0 ― pF Isolation resistance RS (Note 1) R.H. ≤ 60%, VS = 500 V 1×1012 1014 ― Ω Isolation voltage BVS (Note 1) AC, 60 s 5000 ― ― Vrms AC, 1 s, in oil ― 10000 ― DC, 60 s, in oil ― 10000 ― Vdc Note 1: This device is considered as a two-terminal device: Pins 1, 2 and 3 are shorted together, and pins 4, 5 and 6 are shorted together. |
Podobny numer części - TLP718_15 |
|
Podobny opis - TLP718_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |