Zakładka z wyszukiwarką danych komponentów |
|
TLP719 Arkusz danych(PDF) 4 Page - Toshiba Semiconductor |
|
TLP719 Arkusz danych(HTML) 4 Page - Toshiba Semiconductor |
4 / 7 page TLP719 2015-11-30 4 Switching Characteristics (Ta = 25 °C, VCC = 5 V) Characteristic Symbol Test Cir- cuit Test Condition Min Typ. Max Unit Propagation delay time (H → L) tpHL Fig1 IF = 0→ 16 mA RL = 1.9kΩ ― ― 0.8 μs Propagation delay time (L → H) tpLH IF = 16→ 0 mA RL = 1.9kΩ ― ― 0.8 μs Common mode transient immunity at logic HIGH output (Note 1) CMH Fig2 IF = 0 mA VCM = 400 Vp−p RL = 1.9kΩ 10000 ― ― V / μs Common mode transient immunity at logic LOW output (Note 1) CML IF = 16 mA VCM = 400 Vp−p RL = 1.9 kΩ −10000 ― ― V / μs Note 1 : CML is the maximum rate of fall of the common mode voltage that can be sustained with the output voltage in the logic LOW state (VO < 0.8 V). CMH is the maximum rate of rise of the common mode voltage that can be sustained with the output voltage in the logic HIGH state (VO >2.0 V). Figure 1. Switching Time Test Circuit Figure 2. Common Mode Noise Immunity Test Circuit. VCC = 5 V MONITORING NODE 1 VO RL 6 PULSE INPUT IF → 10% tr 90% tf CMH 2 V 0.8 V VOL SW:A ( IF = 16 mA ) 400 V VCM 0 V VOH SW:B ( IF= 0 mA ) CML CMH = tr ( μs) 320 (V) CML = − tf ( μs) 320 (V) 2 3 5 4 IF MONITORING NODE ( PW = 100 μs Duty = 10%) 0.1 μF tpLH tpHL 5V 1.5V VO IF VOL SHIELD RL=1.9k Ω VO VCC=5V VCM 0.1 μF 1 2 3 5 4 6 + − SW B A → IF SHIELD |
Podobny numer części - TLP719_15 |
|
Podobny opis - TLP719_15 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |